Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5401 Datasheet(PDF) 4 Page - Motorola, Inc

Part # 2N5401
Description  Amplifier Transistor(PNP Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N5401 Datasheet(HTML) 4 Page - Motorola, Inc

  2N5401 Datasheet HTML 1Page - Motorola, Inc 2N5401 Datasheet HTML 2Page - Motorola, Inc 2N5401 Datasheet HTML 3Page - Motorola, Inc 2N5401 Datasheet HTML 4Page - Motorola, Inc 2N5401 Datasheet HTML 5Page - Motorola, Inc 2N5401 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N5400 2N5401
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 4. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.7
1.0
0.2
Figure 5. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
0
TJ = 25°C
VCE(sat) @ IC/IB = 10
2.5
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
100
TJ = 25°C
Cibo
Figure 6. Switching Time Test Circuit
VR, REVERSE VOLTAGE (VOLTS)
0.9
0.8
0.5
0.3
0.1
VBE(sat) @ IC/IB = 10
0.3
3.0
30
Figure 7. Capacitances
10.2 V
Vin
10
µs
INPUT PULSE
VBB
+ 8.8 V
100
RB
5.1 k
0.25
µF
Vin
100
1N914
Vout
RC
VCC
–30 V
3.0 k
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
Values Shown are for IC @ 10 mA
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
0.3
3.0
30
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
TJ = – 55°C to 135°C
θVC for VCE(sat)
θVB for VBE(sat)
Cobo
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
0.2
0.5
1.0
2.0
5.0
10
20
0.3
3.0
0.7
7.0
1000
100
200
300
500
700
10
20
30
50
70
0.2
0.5
1.0
2.0
5.0
10
20
0.3
3.0
30
50
100
200
IC, COLLECTOR CURRENT (mA)
Figure 8. Turn–On Time
IC/IB = 10
TJ = 25°C
td @ VBE(off) = 1.0 V
VCC = 120 V
tr @ VCC = 30 V
tr @ VCC = 120 V
2000
100
200
300
500
700
20
30
50
70
0.2
0.5
1.0
2.0
5.0
10
20
0.3
3.0
30
50
100
200
IC, COLLECTOR CURRENT (mA)
Figure 9. Turn–Off Time
1000
tf @ VCC = 120 V
tf @ VCC = 30 V
ts @ VCC = 120 V
IC/IB = 10
TJ = 25°C


Similar Part No. - 2N5401

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2N5401 JIANGSU-2N5401 Datasheet
574Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
2N5401 PHILIPS-2N5401 Datasheet
43Kb / 8P
   PNP high-voltage transistor
1999 Apr 08
logo
ON Semiconductor
2N5401 ONSEMI-2N5401 Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
logo
Unisonic Technologies
2N5401 UTC-2N5401 Datasheet
235Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Micro Commercial Compon...
2N5401 MCC-2N5401 Datasheet
437Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
More results

Similar Description - 2N5401

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBTA56 UTC-MMBTA56 Datasheet
116Kb / 5P
   AMPLIFIER TRANSISTOR PNP SILICON TRANSISTOR
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55 Datasheet
340Kb / 1P
   PNP Silicon Amplifier Transistor
MPSA55 MCC-MPSA55_11 Datasheet
218Kb / 2P
   PNP Silicon Amplifier Transistor
logo
ON Semiconductor
2N5087 ONSEMI-2N5087 Datasheet
300Kb / 8P
   Amplifier Transistor(PNP Silicon)
November, 2001 ??Rev. 1
MPS4126 ONSEMI-MPS4126 Datasheet
38Kb / 4P
   Amplifier Transistor(PNP Silicon)
November, 2001 ??Rev. 2
MPSA70 ONSEMI-MPSA70 Datasheet
427Kb / 8P
   Amplifier Transistor(PNP Silicon)
1996
2N5087 ONSEMI-2N5087_07 Datasheet
156Kb / 7P
   Amplifier Transistor PNP Silicon
March, 2007 ??Rev. 4
MPS4126 ONSEMI-MPS4126_06 Datasheet
43Kb / 3P
   Amplifier Transistor PNP Silicon
March, 2006 ??Rev. 3
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55_08 Datasheet
119Kb / 2P
   PNP Silicon Amplifier Transistor
logo
ON Semiconductor
MPSL51 ONSEMI-MPSL51 Datasheet
187Kb / 6P
   Amplifier Transistor(PNP Silicon)
1996
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com