Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM29F004 Datasheet(PDF) 14 Page - PMC-Sierra, Inc

Part # PM29F004
Description  4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM29F004 Datasheet(HTML) 14 Page - PMC-Sierra, Inc

Back Button PM29F004 Datasheet HTML 10Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 11Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 12Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 13Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 14Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 15Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 16Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 17Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 18Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Programmable Microelectronics Corp.
Issue Date: November, 2000 Rev: 1.0
PMC
Pm29F004 Preliminary
s
a
i
B
r
e
d
n
U
e
r
u
t
a
r
e
p
m
e
T
5
6
-
O
5
2
1
+
o
t
C
OC
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
5
6
-
O
5
2
1
+
o
t
C
OC
n
i
p
9
A
t
p
e
c
x
e
s
n
i
P
ll
A
n
o
d
n
u
o
r
G
o
t
t
c
e
p
s
e
R
h
t
i
w
e
g
a
t
l
o
V
t
u
p
n
I
)
2
(
V
5
2
.
6
+
o
t
V
5
.
0
-
n
i
p
9
A
n
o
d
n
u
o
r
G
o
t
t
c
e
p
s
e
R
h
t
i
w
e
g
a
t
l
o
V
t
u
p
n
I
)
3
(
V
0
.
3
1
+
o
t
V
5
.
0
-
d
n
u
o
r
G
o
t
t
c
e
p
s
e
R
h
t
i
w
e
g
a
t
l
o
V
t
u
p
t
u
O
ll
A
V
o
t
V
5
.
0
-
C
C
V
6
.
0
+
V C
C
)
2
(
V
5
2
.
6
+
o
t
V
5
.
0
-
DC AND AC OPERATING RANGE
r
e
b
m
u
N
t
r
a
P
4
0
0
F
9
2
m
P
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
0o
0
7
o
t
C
oC
y
l
p
p
u
S
r
e
w
o
P
c
c
V
V
5
.
5
-
V
5
.
4
14
ABSOLUTE MAXIMUM RATINGS (1)
Notes:
1. Stresses under those listed in “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only. The functional operation of the device
or any other conditions under those indicated in the operational sections of this specifica-
tion is not implied. Exposure to absolute maximum rating condition for extended periods
may affected device reliability.
2. Maximum DC voltage on input or I/O pins are +6.25 V. During voltage transitioning period,
input or I/O pins may overshoot to VCC + 2.0 V for a period of time up to 20 ns. Minimum
DC voltage on input or I/O pins are -0.5 V. During voltage transitioning period, input or I/O
pins may undershoot GND to -2.0 V for a period of time up to 20 ns.
3. Maximum DC voltage on A9 pin is +13.0 V. During voltage transitioning period, A9 pin
may overshoot to +14.0 V for a period of time up to 20 ns. Minimum DC voltage on A9 pin
is -0.5 V. During voltage transitioning period, A9 pin may undershoot GND to -2.0 V for a
period of time up to 20 ns.


Similar Part No. - PM29F004

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-55JC PMC-PM29F002B-55JC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-55PC PMC-PM29F002B-55PC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-70JC PMC-PM29F002B-70JC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-70PC PMC-PM29F002B-70PC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results

Similar Description - PM29F004

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com