Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM29F004 Datasheet(PDF) 5 Page - PMC-Sierra, Inc

Part # PM29F004
Description  4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM29F004 Datasheet(HTML) 5 Page - PMC-Sierra, Inc

  PM29F004 Datasheet HTML 1Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 2Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 3Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 4Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 5Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 6Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 7Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 8Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Programmable Microelectronics Corp.
Issue Date: November, 2000 Rev: 1.0
PMC
Pm29F004 Preliminary
BLOCK DIAGRAM
DEVICE OPERATION
READ OPERATION
The access of Pm29F004 is similar as that of
EPROM. To obtain data at the outputs, three control
functions must be satisfied:
• CE# is the chip enable and should be pulled low
( VIL ).
• OE# is the output enable and should be pulled
low ( VIL).
• WE# is the write enable and should remains high
( VIH ).
BOOT BLOCK LOCKOUT
The device has a software lockout feature to pre-
vent the data in the boot block from being erased or
reprogrammed. The boot block can be located at the
top or bottom of the address location. The block size is
16 Kbytes. Once the lockout feature is enable, the boot
block can not be erased or reprogrammed. Data in the
main memory block can still be updated through the
regular programming method. The boot block lockout
feature can be turned on by issuing a six-bus-cycle com-
mand sequence. Please refer to Table 4 and Chart 4.
BOOT BLOCK LOCKOUT DETECTION
The state of the Boot Block lockout can be de-
tected by software product identification entry. After
entry, selects Boot Block address with A0 = “0” and A1
= “1” and then read I/O0. A data of “0” means the lock-
out feature is disabled and the Boot Block can be erased
or programmed. A data of “1” means the lockout fea-
ture is enabled and the Boot Block is protected. Prod-
uct identification exit must be executed before the de-
vice returns to read mode.
PRODUCT IDENTIFICATION
The product identification mode can be used to identify
the device and the manufacturer by hardware or soft-
ware operation. The hardware operation mode is acti-
vated by applying a 12.0 Volt on A9 pin, typically used
by an external programmer to select the right program-
ming algorithm for the device. For detail, please see
Bus Operation Modes in Table 3. The software opera-
tion mode is activated by three-bus-cycle command.
Please see Software Command Definition in Table 4.
5
WE#
CE#
OE#
COMMAND
REGISTER
CE,OE LOGIC
A0-A18
ERASE/PROGRAM
VOLTAGE
GENERATOR
HIGH VOLTAGE
SWITCH
I/O0-I/O7
I/O BUFFERS
DATA
LATCH
SENSE
AMP
Y-GATING
MEMORY
ARRAY
Y-DECODER
X-DECODER


Similar Part No. - PM29F004

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-55JC PMC-PM29F002B-55JC Datasheet
148Kb / 21P
2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-55PC PMC-PM29F002B-55PC Datasheet
148Kb / 21P
2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-70JC PMC-PM29F002B-70JC Datasheet
148Kb / 21P
2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-70PC PMC-PM29F002B-70PC Datasheet
148Kb / 21P
2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results

Similar Description - PM29F004

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com