Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM29F004 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM29F004
Description  4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM29F004 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM29F004 Datasheet HTML 13Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 14Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 15Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 16Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 17Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 18Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 19Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 20Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 21Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Programmable Microelectronics Corp.
Issue Date: November, 2000 Rev: 1.0
PMC
Pm29F004 Preliminary
32P
32-Pin Plastic DIP Dimensions in Inches (Millimeters)
32J
32-Pin Plastic Leaded Chip Carrier Dimensions in Inches (Millimeters)
21
PACKAGE TYPE INFORMATION
SEATING PLANE
.120(3.05)
.160(4.07)
.090(2.29)
.110(2.79)
.014(.36)
.022(.56)
.015(.38) MIN
.146(3.71)
.162(4.11)
TOP VIEW
SIDE VIEW
.600(15.24)
.625(15.88)
.008(0.20)
.013(0.33)
10°
.625(15.88)
.665(16.89)
1.640(41.7)
1.680(42.7)
17
32
16
Pin 1 I.D.
.537(13.64)
.557(14.05)
.040(1.02)
.065(1.65)
.005(.127)
MIN
Pin 1 I.D.
.585(14.86)
.595(15.11)
.547(13.89)
.553(14.05)
.050 REF.
.026(.66)
.032(.81)
.447(11.35)
.453(11.51)
.485(12.32)
.495(12.51)
025(.635)X30°
.400
REF.
.510(12.95)
.530(13.46)
.013(.33)
.021(.53)
.009
.015
.076(1.93)
.095(2.41)
.123(3.12)
.140(3.56)
SEATING
PLANE


Similar Part No. - PM29F004

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-55JC PMC-PM29F002B-55JC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-55PC PMC-PM29F002B-55PC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-70JC PMC-PM29F002B-70JC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-70PC PMC-PM29F002B-70PC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results

Similar Description - PM29F004

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com