Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM29F004 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM29F004
Description  4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM29F004 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM29F004 Datasheet HTML 1Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 2Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 3Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 4Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 5Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 6Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 7Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 8Page - PMC-Sierra, Inc PM29F004 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Programmable Microelectronics Corp.
Issue Date: November, 2000 Rev: 1.0
PMC
Pm29F004 Preliminary
CONNECTION DIAGRAMS
LOGIC SYMBOL
32-Pin PLCC
2
20
19
18
17
16
15
14
5
6
7
8
9
10
11
12
13
1
2
3
43 2
3 1
3 0
I/O0
A0
A1
A2
A3
A4
A5
A6
A7
29
28
27
26
25
24
23
22
21
A14
A13
A8
A9
A11
OE#
A10
CE#
I/O7
19
8
A0-A18
I/O0-I/O7
CE#
OE#
WE#
32-Pin PDIP
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
V CC
WE#
A17
A14
A13
A8
A9
OE#
A10
A11
CE#
I/O7
I/O6
I/O5
I/O4
I/O3
A18
A16
A15
A12
A7
A6
A5
A4
A3
A2
I/O0
I/O1
A1
A0
I/O2
GND


Similar Part No. - PM29F004

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-55JC PMC-PM29F002B-55JC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-55PC PMC-PM29F002B-55PC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-70JC PMC-PM29F002B-70JC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-70PC PMC-PM29F002B-70PC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results

Similar Description - PM29F004

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com