Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML66525 Datasheet(PDF) 2 Page - OKI electronic componets

Part # ML66525
Description  16-Bit Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML66525 Datasheet(HTML) 2 Page - OKI electronic componets

  ML66525 Datasheet HTML 1Page - OKI electronic componets ML66525 Datasheet HTML 2Page - OKI electronic componets ML66525 Datasheet HTML 3Page - OKI electronic componets ML66525 Datasheet HTML 4Page - OKI electronic componets ML66525 Datasheet HTML 5Page - OKI electronic componets ML66525 Datasheet HTML 6Page - OKI electronic componets ML66525 Datasheet HTML 7Page - OKI electronic componets ML66525 Datasheet HTML 8Page - OKI electronic componets ML66525 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
FEDL66525-02
OKI Semiconductor
ML66525 Family
2/27
FEATURES
Parameter
ML66525B
Operating temperature
–30 to +70°C
Power supply voltage/
VDD = 2.4 to 3.6 V / f = 24 MHz
Maximum operating frequency
83 nsec@24 MHz
Minimum instruction execution time
61
µsec@32.768 kHz
Internal ROM size (max. external)
128 KB (1 MB)
Internal RAM size (max. external)
6 KB (1 MB)
64 I/O pins (with programmable pull-up resistors)
6 input-only pins
I/O ports
1 output-only pin
16-bit auto-reload timer
× 2ch
8-bit auto-reload timer
× 1ch
8-bit auto-reload timer
8-bit auto-reload timer (also functions as watchdog timer)
× 1ch
Watch timer
× 1ch
Timers
8-bit PWM
× 2ch (can also be used as 16-bit PWM × 1ch)
Synchronous (with 32-byte FIFO)
× 1ch
Synchronous (Shift register type)
× 1ch
Serial port
Synchronous/UART
× 2ch
A/D converter
10-bit
× 4ch
Non-maskable
× 1ch
External interrupts
Maskable
× 6ch
Compliant with USB spec. version 1.1
High-speed transfer at 12 Mbps
Internal PLL(x2 , x3 , x4) -> 48 MHz
Internal transceiver
Vbus detection circuit (connection to USB host : detect/non-detect)
Bus power available
EP0 (IN 32 bytes, OUT 32 bytes), control transfer
EP1 (64 bytes
× 2), bulk/interrupt transfer
EP2 (64 bytes
× 2), bulk/interrupt transfer
EP3 (32 bytes), bulk/interrupt transfer
EP4 (64 bytes
× 2), bulk/isochronous/interrupt transfer
EP5 (64 bytes
× 2), bulk/isochronous/interrupt transfer
USB control
Automatic, high-speed data transfer
ECC circuit
NAND Flash Memory control
Automatic, high-speed 512-byte data transfer
Interrupt priority
3 levels
External bus Interface (separate address and data buses)
Dual clocks function
Clock gear function
Others
Different power available among USB, CPU core, and I/O port
Flash ROM version
ML66Q525B


Similar Part No. - ML66525

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6652 MICRO-LINEAR-ML6652 Datasheet
196Kb / 28P
   10/100Mbps Ethernet Fiber and Copper Media Converter with Auto Negotiation
ML6652 MICRO-LINEAR-ML6652 Datasheet
667Kb / 28P
   10/100Mbps Ethernet Fiber and Copper Media Converter with Auto-Negotiation
ML6652CH MICRO-LINEAR-ML6652CH Datasheet
196Kb / 28P
   10/100Mbps Ethernet Fiber and Copper Media Converter with Auto Negotiation
ML6652CH MICRO-LINEAR-ML6652CH Datasheet
667Kb / 28P
   10/100Mbps Ethernet Fiber and Copper Media Converter with Auto-Negotiation
ML6652CM MICRO-LINEAR-ML6652CM Datasheet
667Kb / 28P
   10/100Mbps Ethernet Fiber and Copper Media Converter with Auto-Negotiation
More results

Similar Description - ML66525

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com