Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5209 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N5209
Description  Amplifier Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5209 Datasheet(HTML) 4 Page - ON Semiconductor

  2N5209 Datasheet HTML 1Page - ON Semiconductor 2N5209 Datasheet HTML 2Page - ON Semiconductor 2N5209 Datasheet HTML 3Page - ON Semiconductor 2N5209 Datasheet HTML 4Page - ON Semiconductor 2N5209 Datasheet HTML 5Page - ON Semiconductor 2N5209 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N5209 2N5210
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
0.4
1.0
2.0
3.0
4.0
0.3
0.01
0.05
2.0
3.0
10
0.02
0.03
0.2
1.0
0.1
5.0
VCE = 5.0 V
TA = 125°C
25
°C
– 55
°C
0.7
0.5
0.5
0.2
0.3
0.01 0.02
0.05 0.1 0.2
0.5
1.0 2.0
5.0
10
20
50
100
Figure 9. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
Figure 10. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
0.01
0
– 0.8
– 1.2
– 1.6
– 2.4
TJ = 25°C
VCE(sat) @ IC/IB = 10
VBE @ VCE = 5.0 V
TJ = 25°C to 125°C
– 55
°C to 25°C
– 0.4
– 2.0
0.02
0.05 0.1 0.2
0.5
1.0 2.0
5.0
10 20
50
100
8.0
0.8
1.0
2.0
3.0
4.0
6.0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
TJ = 25°C
Ccb
Cob
Ceb
Cib
1.0
2.0
5.0
3.0
7.0 10
20
30
50 70 100
500
300
200
70
50
100
VCE = 5.0 V
TJ = 25°C
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
Figure 12. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)


Similar Part No. - 2N5209

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N5209 MICRO-ELECTRONICS-2N5209 Datasheet
146Kb / 2P
   NPN SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
logo
Central Semiconductor C...
2N5209 CENTRAL-2N5209 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
More results

Similar Description - 2N5209

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS918 ONSEMI-MPS918 Datasheet
62Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996
2N5088 ONSEMI-2N5088_07 Datasheet
83Kb / 5P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 4
BC237 ONSEMI-BC237_06 Datasheet
54Kb / 4P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
   NPN Silicon Amplifier Transistors
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
   Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
   Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Motorola, Inc
BD525 MOTOROLA-BD525 Datasheet
82Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTORS
logo
ON Semiconductor
MPS918 ONSEMI-MPS918_06 Datasheet
46Kb / 3P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com