Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34063AD Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MC34063AD
Description  SMPS Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MC34063AD Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  MC34063AD Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC34063A MC33063A
www.artschip.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
Vcc
40
V dc
Comparator Input Voltage Range
VIR
-0.3 to +40
V dc
Switch Collector Voltage
VC(switch)
40
V dc
Switch Emitter Voltage (VPin 1=40V)
VE(switch)
40
V dc
Switch Collector to Emitter Voltage
VCE(switch)
40
V dc
Driver Collector Voltage
VC(driver)
40
V dc
Driver Collector current (Note 1)
IC(driver)
100
mA
Switch Current
I sw
1.5
A
Power Dissipation and Thermal Characteristics
Plastic Package, P,P1 Suffix
TA=25℃
Thermal Resistance
SOIC Package, D Suffix
TA=25℃
Thermal Resistance
PD
R ӨJA
PD
R ӨJA
1.25
100
625
160
W
/w
w
/w
Operating Junction Temperature
TJ
+150
Operating Ambient Temperature Range
MC34063A
MC33063AV
MC33063A
TA
0 to +70
-40 to +125
-40 to +85
Storage Temperature Range
T stg
-65 to +150
NOTES: 1. Maximum package power dissipation limits must be observed.
2. ESD data available upon request.
ELECTRICAL CHARACTERISTICS
(VCC = 5.0V, TA=TIOW to Thigh [Note 3], unless otherwise specified.)
Characteristics
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency (VPin 5=0 V, CT =10nF, TA =25℃)
F OSC
24
33
42
kHz
Charge Current (VCC =5.0V to 40V, TA=25℃)
I chg
24
35
42
µA
Discharge Current (VCC =5.0V to 40V, TA =25℃)
I dischg
140
220
260
µA
Discharge to Charge Current Ratio (Pin 7 to VCC, TA=25℃)
I dischg / I chg
5.2
6.5
7.5
-
Current Limit Sense Voltage (I chg = I dischg, TA =25℃)
V ipk(sense)
250
300
350
mV
OUTPUT SWITCH
(Note 4)
Saturation Voltage, Darlington Connection (Note 5)
(ISW =1.0A, Pins 1,8 connected)
VCE(sat0
1.0
1.3
V
Saturation Voltage, Darlington Connection
(ISW = 1.0A, RPin 8 =82Ω to VCC, Forced ß≌20)
VCE(sat)
0.45
0.7
V
DC Current Gain (ISW =1.0A, VCE = 5.0V, TA=25℃)
h FE
50
75
Collector Off-State Current (VCE = 40V)
IC(off)
0.01
0.01
µA
NOTES:
3. Tlow =0℃ for MC34063A, -40℃ for MC33063A, AV
Thigh = +70℃ for MC34063A, +85℃ for MC33063A, +125℃ for MC33063V
4. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as possible.
5. If the output switch is driven into hard saturation (non-Darlington configuration) at low switch currents (≤300mA) and high driver
currents(
≥30mA), it may take up to 2.0µs for it to come out of saturation. This condition will shorten the off time at
frequencies≥30kHz, and is magnified at high temperatures. This condition does not occur with a Darlington configuration,
since the output switch cannot saturate. If a non-Darlington configuration is used, the following output drive condition is
recommended:
Forced ß of output switch:
*The 100Ω resistor in the emitter of the driver device requires about 7.0mA before the output switch conducts.


Similar Part No. - MC34063AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063AD ONSEMI-MC34063AD Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
MC34063AD ONSEMI-MC34063AD Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
logo
Fairchild Semiconductor
MC34063AD FAIRCHILD-MC34063AD Datasheet
46Kb / 8P
   SMPS Controller
logo
ON Semiconductor
MC34063AD ONSEMI-MC34063AD Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063AD ONSEMI-MC34063AD Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
More results

Similar Description - MC34063AD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com