Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34063AD Datasheet(PDF) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MC34063AD
Description  SMPS Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MC34063AD Datasheet(HTML) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button MC34063AD Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC34063A MC33063A
www.artschip.com
6
Figure 9. Step-Down Converter
Test
Conditions
Results
Line Regulation
V in=15V to 25 V, IO = 500mA
12mV = ±0.12%
Load Regulation
V in=25V, IO = 50mA to 500mA
3.0mV =±0.03%
Output Ripple
V in=25V, IO = 500mA
120mVpp
Short Circuit Current
V in=25V, RL = 0.1Ω
1.1A
Efficiency
V in=25V, IO = 500mA
83.7%
Output Ripple With Optional Filter
V in=25V, IO = 500mA
40mVpp
Figure 10. External Current Boost Connections for IC Peak Greater than 1.5A
10a. External NPN Switch
10b. External PNP Saturated Switch


Similar Part No. - MC34063AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063AD ONSEMI-MC34063AD Datasheet
200Kb / 12P
DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
MC34063AD ONSEMI-MC34063AD Datasheet
1Mb / 15P
1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
logo
Fairchild Semiconductor
MC34063AD FAIRCHILD-MC34063AD Datasheet
46Kb / 8P
SMPS Controller
logo
ON Semiconductor
MC34063AD ONSEMI-MC34063AD Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063AD ONSEMI-MC34063AD Datasheet
149Kb / 16P
DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
More results

Similar Description - MC34063AD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
SMPS Controller
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com