Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34063AD Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MC34063AD
Description  SMPS Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MC34063AD Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  MC34063AD Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC34063A MC33063A
www.artschip.com
5
Figure 7. Step-Up Converter
Test
Conditions
Results
Line Regulation
V in=8.0V to 16 V, IO = 175mA
30mV = ±0.05%
Load Regulation
V in=12V, IO = 75mA to 175mA
10mV =±0.017%
Output Ripple
V in=12V, IO = 175mA
400mVpp
Efficiency
V in=12V, IO = 175mA
87.7%
Output Ripple With Optional Filter
V in=12V, IO = 175mA
40mVpp
Figure 8. External Current Boost Connections for IC Peak Greater than 1.5A
8a. External NPN Switch
8b. External NPN Saturated Switch
(See Note 5)
NOTE:
5. If the output switch is driven into hard saturation (non-Darlington configuration) at low switch currents (≤300mA) and high driver
currents(≥30mA), it may take up to 2.0µs for it to come out of saturation. This condition will shorten the off time at frequencies≥30kHz, and is
magnified at high temperatures. This condition does not occur with a Darlington configuration, since the output switch cannot saturate. If a
non-Darlington configuration is used, the following output drive condition is recommended:


Similar Part No. - MC34063AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063AD ONSEMI-MC34063AD Datasheet
200Kb / 12P
DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
Fairchild Semiconductor
MC34063AD FAIRCHILD-MC34063AD Datasheet
46Kb / 8P
SMPS Controller
logo
ON Semiconductor
MC34063AD ONSEMI-MC34063AD Datasheet
149Kb / 16P
DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
logo
Texas Instruments
MC34063AD TI-MC34063AD Datasheet
303Kb / 15P
1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
logo
Motorola, Inc
MC34063AD MOTOROLA-MC34063AD Datasheet
948Kb / 15P
DC-to-DC Converter Control Circuits SILICON MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MC34063AD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
SMPS Controller
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
SMPS Controller
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com