Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5087 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N5087
Description  Amplifier Transistor(PNP Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5087 Datasheet(HTML) 2 Page - ON Semiconductor

  2N5087 Datasheet HTML 1Page - ON Semiconductor 2N5087 Datasheet HTML 2Page - ON Semiconductor 2N5087 Datasheet HTML 3Page - ON Semiconductor 2N5087 Datasheet HTML 4Page - ON Semiconductor 2N5087 Datasheet HTML 5Page - ON Semiconductor 2N5087 Datasheet HTML 6Page - ON Semiconductor 2N5087 Datasheet HTML 7Page - ON Semiconductor 2N5087 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N5087
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 100 µAdc, VCE = 5.0 Vdc)
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
(IC = 10 mAdc, VCE = 5.0 Vdc)(1)
hFE
250
250
250
800
Collector–Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
VCE(sat)
0.3
Vdc
Base–Emitter On Voltage
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
VBE(on)
0.85
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 500 µAdc, VCE = 5.0 Vdc, f = 20 MHz)
fT
40
MHz
Collector–Base Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
Ccb
4.0
pF
Small–Signal Current Gain
(IC = 1.0 mAdc, VCE = 5.0 Vdc, f = 1.0 kHz)
hfe
250
900
Noise Figure
(IC = 20 µAdc, VCE = 5.0 Vdc, RS = 1.0 kΩ, f = 1.0 kHz)
(IC = 100 µAdc, VCE = 5.0 Vdc, RS = 3.0 kΩ, f = 1.0 kHz)
NF
2.0
2.0
dB
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
TYPICAL NOISE CHARACTERISTICS
(VCE = –5.0 Vdc, TA = 25°C)
Figure 1. Noise Voltage
f, FREQUENCY (Hz)
5.0
7.0
10
3.0
Figure 2. Noise Current
f, FREQUENCY (Hz)
1.0
10
20
50 100
200
500 1.0k 2.0k
5.0k 10k
1.0
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.1
BANDWIDTH = 1.0 Hz
RS ≈ 0
IC = 10 µA
100 µA
30 µA
BANDWIDTH = 1.0 Hz
RS ≈∞
IC = 1.0 mA
300 µA
100 µA
30 µA
10 µA
10
20
50
100 200
500
1.0k 2.0k
5.0k 10k
2.0 1.0 mA
0.2
300 µA


Similar Part No. - 2N5087

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5087 MOTOROLA-2N5087 Datasheet
300Kb / 8P
   CASE 29.04, STYLE 1 TO-92 (TO-226AA)
logo
NXP Semiconductors
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
logo
Fairchild Semiconductor
2N5087 FAIRCHILD-2N5087 Datasheet
58Kb / 6P
   PNP General Purpose Amplifier
logo
Micro Electronics
2N5087 MICRO-ELECTRONICS-2N5087 Datasheet
191Kb / 2P
   PNP/NPN SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
logo
Fairchild Semiconductor
2N5087 FAIRCHILD-2N5087 Datasheet
100Kb / 9P
   PNP General Purpose Amplifier
More results

Similar Description - 2N5087

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBTA56 UTC-MMBTA56 Datasheet
116Kb / 5P
   AMPLIFIER TRANSISTOR PNP SILICON TRANSISTOR
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55 Datasheet
340Kb / 1P
   PNP Silicon Amplifier Transistor
MPSA55 MCC-MPSA55_11 Datasheet
218Kb / 2P
   PNP Silicon Amplifier Transistor
logo
ON Semiconductor
MPS4126 ONSEMI-MPS4126 Datasheet
38Kb / 4P
   Amplifier Transistor(PNP Silicon)
November, 2001 ??Rev. 2
MPSA70 ONSEMI-MPSA70 Datasheet
427Kb / 8P
   Amplifier Transistor(PNP Silicon)
1996
2N5087 ONSEMI-2N5087_07 Datasheet
156Kb / 7P
   Amplifier Transistor PNP Silicon
March, 2007 ??Rev. 4
MPS4126 ONSEMI-MPS4126_06 Datasheet
43Kb / 3P
   Amplifier Transistor PNP Silicon
March, 2006 ??Rev. 3
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55_08 Datasheet
119Kb / 2P
   PNP Silicon Amplifier Transistor
logo
Motorola, Inc
2N5400 MOTOROLA-2N5400 Datasheet
177Kb / 6P
   Amplifier Transistor(PNP Silicon)
logo
ON Semiconductor
MPSL51 ONSEMI-MPSL51 Datasheet
187Kb / 6P
   Amplifier Transistor(PNP Silicon)
1996
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com