Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGS3870-B00 Datasheet(PDF) 2 Page - Figaro Engineering Inc.

Part # TGS3870-B00
Description  Detection of both Methane Carbon Monoxide
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIGARO [Figaro Engineering Inc.]
Direct Link  https://www.figaro.co.jp/en/
Logo FIGARO - Figaro Engineering Inc.

TGS3870-B00 Datasheet(HTML) 2 Page - Figaro Engineering Inc.

  TGS3870-B00 Datasheet HTML 1Page - Figaro Engineering Inc. TGS3870-B00 Datasheet HTML 2Page - Figaro Engineering Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Top View
Side View
Bottom View
Pin connection:
1:Common(-)
2:Sensor electrode (+)
3:Heater(+)
0.8 ± 0.1
unit:mm
0.25 ± 0.05
2.54
± 0.2
1
2
3
ø9.2 ± 0.2
ø8.1 ± 0.2
Structure and Dimensions:
Basic Measuring Circuit:
REV: 11/17
The sensor requires two voltage
inputs: heater voltage (VH) and circuit
voltage (VC). The sensor has three
pins: Pin #3--heater (+), Pin #2--sensor
electrode (+), and Pin #1--common (-).
To maintain the sensing element at
specific temperatures which are optimal
for sensing two different gases, heater
voltagesof0.9Vand0.2Varealternately
applied between pins #1 and #3 during
a 20 second heating cycle.
Circuit voltage (VC) is applied between
both ends of the sensor (Rs) and a load
resistor (RL), which are connected in
series,toallowmeasurementofvoltage
(VRS).
Circuit voltage (Vc) should be applied
only at the moment when the signal is
taken from the sensor.
Pleaserefertothedocument"Technical
Information for TGS3870-B00" for
details regarding the timing and
application of Vc and VH.
Specifications:
Bottom view
Top view
Side view
The value of power dissipation (PS) can
be calculated by utilizing the following
formula:
PS =
Sensor resistance (Rs) is calculated with
a measured value of VRS by using the
following formula:
RS =
x RL
(VRS)2
RS
All sensor characteristics shown in this brochure represent typical characteristics.Actual
characteristics vary from sensor to sensor. The only characteristics warranted are those
in the Specification table above.
Sensor
RS
RH
VH
VC
(+)
(-)
VRS
(+)
(-)
1
3
2
RL
Basic measuring circuit
(VRS - 0.5VH)
(Vc-VRS)
Caution: Do not apply a constant circuit
voltage (5.0V) or the sensor would not
exhibit its specified characteristics.
Model number
TGS3870-B00
Sensing principle
MOS type
Standard package
Plastic base and metal can
Target gases
Methane and Carbon Monoxide
Typical detection range
Methane 1~25% LEL
Carbon monoxide 50~1,000ppm
Standard circuit
conditions
Heater voltage
VH
VHH = 0.9V±3% for 5 sec.
VHL = 0.2V±3% for 15sec.
Circuit voltage
VC
5.0±0.2V DC pulse
(refer to Technical Information for TGS3870-B00)
Load resistance
RL
variable (>0.75kΩ)
Electrical
characteristics
under standard test
conditions
Heater resistance
RH
3Ω±0.3Ω at room temp.
Heater power
consumption
PH
120mW
VHH = 0.9V DC
11mW
VHL = 0.2V DC
38mW
average
Sensor resistance
RS
0.35kΩ~3.5kΩ in 3000ppm methane
1.8kΩ~24kΩ in 150ppm CO
Sensitivity
(change ratio of Rs)
β
0.50~0.65
Rs (3000ppm CH4)
Rs (1000ppm CH4)
0.1~0.6
Rs (300ppm CO)
Rs (150ppm CO)
Standard test
conditions
Test gas conditions
Target gas in air
at 20±2˚C, 65±5%RH
Circuit conditions
VHH = 0.9V±2% for 5 sec.
VHL = 0.2V±2% for 15 sec.
Vc = 5.0±0.02V DC pulse
(refer to Technical Information for TGS3870-B00)
Conditioning period
before test
≥5 days
FIGARO ENGINEERING INC.
1-5-11 Senba-nishi
Mino, Osaka 562-8505 JAPAN
Tel: 81-72-728-2567
Fax: 81-72-728-0467
email: figaro@figaro.co.jp
www.figaro.co.jp


Similar Part No. - TGS3870-B00

ManufacturerPart #DatasheetDescription
logo
Figaro Engineering Inc.
TGS3830 FIGARO-TGS3830 Datasheet
296Kb / 2P
Detection Chlorofluorocarbons
More results

Similar Description - TGS3870-B00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGS2442 ETC1-TGS2442 Datasheet
509Kb / 25P
Detection of Carbon Monoxide
TGS2611 ETC1-TGS2611 Datasheet
106Kb / 2P
The detection of Methane
logo
Systemsensor advanced i...
CO1224 SYSTEMSENSOR-CO1224 Datasheet
176Kb / 2P
Carbon Monoxide Detector
logo
Figaro Engineering Inc.
FECS40-1000 FIGARO-FECS40-1000 Datasheet
352Kb / 2P
Detection of Carbon Monoxide
TGS2611 FIGARO-TGS2611 Datasheet
278Kb / 2P
Detection of Methane
TGS5042 FIGARO-TGS5042 Datasheet
366Kb / 2P
Carbon Monoxide
TGS5141-P00 FIGARO-TGS5141-P00 Datasheet
262Kb / 2P
Carbon Monoxide
logo
Zhengzhou Winsen Electr...
MQ-7B WINSEN-MQ-7B Datasheet
527Kb / 7P
Carbon Monoxide Gas Sensor
ZE15-CO WINSEN-ZE15-CO Datasheet
785Kb / 6P
Carbon Monoxide Module
ZE16B-CO WINSEN-ZE16B-CO Datasheet
718Kb / 5P
Carbon Monoxide M
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com