Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGS3870-B00 Datasheet(PDF) 1 Page - Figaro Engineering Inc.

Part # TGS3870-B00
Description  Detection of both Methane Carbon Monoxide
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIGARO [Figaro Engineering Inc.]
Direct Link  https://www.figaro.co.jp/en/
Logo FIGARO - Figaro Engineering Inc.

TGS3870-B00 Datasheet(HTML) 1 Page - Figaro Engineering Inc.

  TGS3870-B00 Datasheet HTML 1Page - Figaro Engineering Inc. TGS3870-B00 Datasheet HTML 2Page - Figaro Engineering Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT INFORMATION
Applications:
Features:
TGS 3870-B00 - for the detection of both Methane
and Carbon Monoxide
The figure below represents typical sensitivity characteristics,
all data having been gathered at standard test conditions (see
reverse side of this sheet). The Y-axis is indicated as sensor
resistance ratio (Rs/Ro) which is defined as follows:
Rs = Sensor resistance in displayed gases at
various concentrations
Ro = Sensor resistance in 3000ppm of methane
* Combination methane and carbon monoxide
detectors
TGS 3870-B00 is a micro-bead type semiconductor gas sensor for the detection
of both methane and carbon monoxide. Using a micro-bead gas sensing
structure, both methane and carbon monoxide can be detected with a single
sensor element by periodic application of two different heater voltages (high
and low). Miniaturization of the gas sensing bead results in a heater power
consumption of only 38mW (average).
TGS 3870-B00 has low sensitivity to alcohol vapors (a typical interference gas
in the residential environment) and has high durability, making the sensor ideal
for consumer market gas alarms.
* Miniature size and low power consumption
* High sensitivity and selectivity to both
methane and carbon monoxide (CO)
* Low sensitivity to alcohol vapor
* Long life and low cost
Sensitivity Characteristics (methane):
The figure below represents typical sensitivity characteristics,
all data having been gathered at standard test conditions (see
reverse side of this sheet). The Y-axis is indicated as sensor
resistance ratio (Rs/Ro) which is defined as follows:
Rs = Sensor resistance in displayed gases at
various concentrations
Ro = Sensor resistance in 100ppm of CO
Sensitivity Characteristics (CO):
0.1
1
10
100
10
100
1000
10000
Methane
Hydrogen
CO
Air
Rs/Ro
Gas concentration (ppm)
0.1
1
10
100
1000
10
100
1000
10000
100000
Methane
Hydrogen
CO
Air
Rs/Ro
Gas concentration (ppm)
IMPORTANT NOTE: OPERATING CONDITIONS IN WHICH FIGARO SENSORS ARE USED WILL VARY WITH EACH CUSTOMER’S SPECIFIC APPLICATIONS. FIGARO STRONGLY
RECOMMENDS CONSULTING OUR TECHNICAL STAFF BEFORE DEPLOYING FIGARO SENSORS IN YOUR APPLICATION AND, IN PARTICULAR, WHEN CUSTOMER’S TARGET
GASES ARE NOT LISTED HEREIN. FIGARO CANNOT ASSUME ANY RESPONSIBILITY FOR ANY USE OF ITS SENSORS IN A PRODUCT OR APPLICATION FOR WHICH SENSOR HAS
NOT BEEN SPECIFICALLY TESTED BY FIGARO.


Similar Part No. - TGS3870-B00

ManufacturerPart #DatasheetDescription
logo
Figaro Engineering Inc.
TGS3830 FIGARO-TGS3830 Datasheet
296Kb / 2P
Detection Chlorofluorocarbons
More results

Similar Description - TGS3870-B00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGS2442 ETC1-TGS2442 Datasheet
509Kb / 25P
Detection of Carbon Monoxide
TGS2611 ETC1-TGS2611 Datasheet
106Kb / 2P
The detection of Methane
logo
Systemsensor advanced i...
CO1224 SYSTEMSENSOR-CO1224 Datasheet
176Kb / 2P
Carbon Monoxide Detector
logo
Figaro Engineering Inc.
FECS40-1000 FIGARO-FECS40-1000 Datasheet
352Kb / 2P
Detection of Carbon Monoxide
TGS2611 FIGARO-TGS2611 Datasheet
278Kb / 2P
Detection of Methane
TGS5042 FIGARO-TGS5042 Datasheet
366Kb / 2P
Carbon Monoxide
TGS5141-P00 FIGARO-TGS5141-P00 Datasheet
262Kb / 2P
Carbon Monoxide
logo
Zhengzhou Winsen Electr...
MQ-7B WINSEN-MQ-7B Datasheet
527Kb / 7P
Carbon Monoxide Gas Sensor
ZE15-CO WINSEN-ZE15-CO Datasheet
785Kb / 6P
Carbon Monoxide Module
ZE16B-CO WINSEN-ZE16B-CO Datasheet
718Kb / 5P
Carbon Monoxide M
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com