Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4502B Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD4502B
Description  CMOS Strobed Hex Inverter/Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4502B Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD4502B Datasheet HTML 2Page - Texas Instruments CD4502B Datasheet HTML 3Page - Texas Instruments CD4502B Datasheet HTML 4Page - Texas Instruments CD4502B Datasheet HTML 5Page - Texas Instruments CD4502B Datasheet HTML 6Page - Texas Instruments CD4502B Datasheet HTML 7Page - Texas Instruments CD4502B Datasheet HTML 8Page - Texas Instruments CD4502B Datasheet HTML 9Page - Texas Instruments CD4502B Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CD4502B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4502B TI1-CD4502B Datasheet
1Mb / 15P
CMOS Strobed Hex Inverter/Buffer
CD4502B-MIL TI1-CD4502B-MIL Datasheet
1Mb / 15P
CMOS Strobed Hex Inverter/Buffer
CD4502BE TI1-CD4502BE Datasheet
1Mb / 15P
CMOS Strobed Hex Inverter/Buffer
CD4502BEE4 TI1-CD4502BEE4 Datasheet
1Mb / 15P
CMOS Strobed Hex Inverter/Buffer
CD4502BF3A TI1-CD4502BF3A Datasheet
1Mb / 15P
CMOS Strobed Hex Inverter/Buffer
More results

Similar Description - CD4502B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4502BMS INTERSIL-CD4502BMS Datasheet
81Kb / 8P
CMOS Strobed Hex Inverter/Buffer
December 1992
logo
Texas Instruments
CD4502B TI1-CD4502B_15 Datasheet
1Mb / 15P
CMOS Strobed Hex Inverter/Buffer
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
Strobed Hex Inverter/Buffer
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
Strobed Hex Inverter/Buffer
logo
NXP Semiconductors
HEF4502B PHILIPS-HEF4502B Datasheet
41Kb / 4P
Strobed hex inverter/buffer
January 1995
logo
STMicroelectronics
HCF4502B STMICROELECTRONICS-HCF4502B_02 Datasheet
156Kb / 9P
STROBED HEX INVERTER/BUFFER
HCC4502B STMICROELECTRONICS-HCC4502B Datasheet
265Kb / 11P
STROBED HEX INVERTER/BUFFER
logo
Hitachi Semiconductor
HD14502B HITACHI-HD14502B Datasheet
74Kb / 5P
Strobed Hex Inverter/Buffer
logo
Integral Corp.
IW4502B INTEGRAL-IW4502B Datasheet
188Kb / 5P
Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4502B IKSEMICON-IW4502B Datasheet
211Kb / 6P
Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com