Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7558N Datasheet(PDF) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC7558N
Description  8-channel LED large-screen scanning blanking control circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC7558N Datasheet(HTML) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC7558N Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC7558N Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC7558N Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC7558N Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC7558N Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
TC7558N(文件编号:S&CIC1523)
8 路 LED 大屏幕扫描消隐控制电路
www.superchip.cn
3 页 共 5 页
Version 1.0
动态特性
项目
符号
测试条件
最小值
标准值
最大值
单位
电流输出端导通反应时间
VOUT[0:7])
TD(ON)
VDD=5.0V
ID=-1A
RL[0:7]=5Ω
CL=[0:7]=12PF
CDOUT=12pF
11.4
ns
电流输出端导通爬升时间
VOUT[0:7])
Tr
61.8
电流输出关闭反应时间
VOUT[0:7])
TD(OFF)
20.7
电流输出端关闭下降时间
VOUT[0:7])
Tr
5.32
动态特性测试电路


Similar Part No. - TC7558N

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC75501 CDE-TC75501 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
More results

Similar Description - TC7558N

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC4973 FUMAN-TC4973 Datasheet
172Kb / 6P
   LED large screen scanning blanking control circuit
TC7258F FUMAN-TC7258F Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258EN FUMAN-TC7258EN Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258E FUMAN-TC7258E Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258GN FUMAN-TC7258GN Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7260 FUMAN-TC7260 Datasheet
254Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258G FUMAN-TC7258G Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
FM7259 FUMAN-FM7259 Datasheet
303Kb / 5P
   4-channel LED display line scanning blanking control driver chip
logo
Guangdong Youtai Semico...
ET6226M UMW-ET6226M Datasheet
1Mb / 6P
   LED driver control/keyboard scanning ASIC
logo
SHENZHEN SUNMOON MICROE...
SM74HC595D SUNMOON-SM74HC595D Datasheet
1Mb / 7P
   Large-Screen LED display Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com