Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7558N Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC7558N
Description  8-channel LED large-screen scanning blanking control circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC7558N Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC7558N Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC7558N Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC7558N Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC7558N Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC7558N Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
TC7558N(文件编号:S&CIC1523)
8 路 LED 大屏幕扫描消隐控制电路
1 页 共 5 页
概述
TC7558N 为一款专为 LED 屏幕行扫描屏设计的一款 8 通道消隐控制驱动 IC,内置高刷新残影消除电路和 8 组
移位寄存器可接受及传输串行移位控制电路。
TC7558N 內置 8 组移位寄存器,因此可完整替代 LED 模块原本的三八译码器(74HC138 芯片)和功率管,简
化了
LED 模组 PCB 布局布线的复杂度,内置行消隐电路提升显示屏整体影像表现效果。
特点
内置
LED 显示屏残影消除电路,可消除上拖影现象
改善
LED 漏电及短路造成的毛毛虫现象
内建
LED 显示屏灯珠开路十字线像改善电路
内建
8 组移位寄存器接收及传输串行移位控制电路
简化
LED 模组 PCB 布局布线难度
极低的导通电阻
RDS(ON),Vgs@-5.0V,Ids@-1.0A≤160mΩ
RDS(ON),Vgs@-5.0V,Ids@-2.0A≤200mΩ
应用
室内微小间距(租赁)
LED 显示屏
订购信息
NO
Part NO.
Package
1
TC7558N
SOP16-150mil-1.27mm
引脚定义及说明
SOP-16
管脚号
管脚名称
描述
1,11
VDD
电源输入端
2
DIN
串行数据信号输入端
3
LCK
串行数据时钟
4,12
NC
空脚
5,6,7,8,13,14,15,16
OUT[0:7]
电流输出端
[0:7]
9
GND
芯片地
10
DOUT
串行数据输出端


Similar Part No. - TC7558N

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC75501 CDE-TC75501 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
More results

Similar Description - TC7558N

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC4973 FUMAN-TC4973 Datasheet
172Kb / 6P
   LED large screen scanning blanking control circuit
TC7258F FUMAN-TC7258F Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258EN FUMAN-TC7258EN Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258E FUMAN-TC7258E Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258GN FUMAN-TC7258GN Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7260 FUMAN-TC7260 Datasheet
254Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258G FUMAN-TC7258G Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
FM7259 FUMAN-FM7259 Datasheet
303Kb / 5P
   4-channel LED display line scanning blanking control driver chip
logo
Guangdong Youtai Semico...
ET6226M UMW-ET6226M Datasheet
1Mb / 6P
   LED driver control/keyboard scanning ASIC
logo
SHENZHEN SUNMOON MICROE...
SM74HC595D SUNMOON-SM74HC595D Datasheet
1Mb / 7P
   Large-Screen LED display Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com