Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3906 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N3906
Description  General Purpose Transistors(PNP Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3906 Datasheet(HTML) 4 Page - ON Semiconductor

  2N3906 Datasheet HTML 1Page - ON Semiconductor 2N3906 Datasheet HTML 2Page - ON Semiconductor 2N3906 Datasheet HTML 3Page - ON Semiconductor 2N3906 Datasheet HTML 4Page - ON Semiconductor 2N3906 Datasheet HTML 5Page - ON Semiconductor 2N3906 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N3905 2N3906
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL AUDIO SMALL– SIGNAL CHARACTERISTICS
NOISE FIGURE VARIATIONS
(VCE = –5.0 Vdc, TA = 25°C, Bandwidth = 1.0 Hz)
Figure 7.
f, FREQUENCY (kHz)
2.0
3.0
4.0
5.0
1.0
0.1
Figure 8.
Rg, SOURCE RESISTANCE (k OHMS)
0
1.0
2.0
4.0
10
20
40
0.2
0.4
0
100
4
6
8
10
12
2
0.1
1.0
2.0
4.0
10
20
40
0.2
0.4
100
f = 1.0 kHz
IC = 1.0 mA
IC = 0.5 mA
IC = 50 mA
IC = 100 mA
SOURCE RESISTANCE = 200
W
IC = 1.0 mA
SOURCE RESISTANCE = 200
W
IC = 0.5 mA
SOURCE RESISTANCE = 2.0 k
IC = 100 mA
SOURCE RESISTANCE = 2.0 k
IC = 50 mA
h PARAMETERS
(VCE = –10 Vdc, f = 1.0 kHz, TA = 25°C)
Figure 9. Current Gain
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
Figure 10. Output Admittance
IC, COLLECTOR CURRENT (mA)
Figure 11. Input Impedance
IC, COLLECTOR CURRENT (mA)
Figure 12. Voltage Feedback Ratio
IC, COLLECTOR CURRENT (mA)
30
100
50
10
20
2.0
3.0
5.0
7.0
10
1.0
0.1
0.2
1.0
2.0
5.0
0.5
10
0.3
0.5
3.0
0.7
2.0
5.0
10
20
1.0
0.2
0.5
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
7
5
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
70
30
0.7
7.0
0.7
7.0
7.0
3.0
0.7
0.3
0.7
7.0
0.7
7.0


Similar Part No. - 2N3906

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N3906 NJSEMI-2N3906 Datasheet
173Kb / 2P
   PNP SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
logo
NXP Semiconductors
2N3906 PHILIPS-2N3906 Datasheet
46Kb / 8P
   PNP switching transistor
1999 Apr 23
logo
Central Semiconductor C...
2N3906 CENTRAL-2N3906 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Jiangsu Changjiang Elec...
2N3906 JIANGSU-2N3906 Datasheet
506Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Silicon Standard Corp.
2N3906 SSC-2N3906 Datasheet
261Kb / 4P
   TRANSISTOR(PNP)
More results

Similar Description - 2N3906

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com