Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP4001S-TF Datasheet(PDF) 2 Page - Interpion semiconductor

Part # IP4001S-TF
Description  5-CH MOTOR DRIVEIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4001S-TF Datasheet(HTML) 2 Page - Interpion semiconductor

  IP4001S-TF Datasheet HTML 1Page - Interpion semiconductor IP4001S-TF Datasheet HTML 2Page - Interpion semiconductor IP4001S-TF Datasheet HTML 3Page - Interpion semiconductor IP4001S-TF Datasheet HTML 4Page - Interpion semiconductor IP4001S-TF Datasheet HTML 5Page - Interpion semiconductor IP4001S-TF Datasheet HTML 6Page - Interpion semiconductor IP4001S-TF Datasheet HTML 7Page - Interpion semiconductor IP4001S-TF Datasheet HTML 8Page - Interpion semiconductor IP4001S-TF Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
- 2 -
Nov. 2004 (Rev. 1)
www.interpionsemi.com
IP4001S
5-CH MOTOR DRIVE IC
PIN DESCRIPTIONS
NO
SYMBOL
I/O
DESCRIPTION
1
DO1-
O
CH1 OUTPUT (-)
2
DO1+
O
CH1 OUTPUT (+)
3
IN1
I
CH1 INPUT
4
N/C
-
NO CONNECTION
5
N/C
-
NO CONNECTION
6
REO
O
REGULATOR
OUTPUT
7
MUTE
I
MUTE
INPUT
8
SGND
-
SIGNAL
GROUND
9
FWD
I
CH5 INPUT 1
10
IN2
I
CH2 INPUT
11
DO2+
O
CH2 OUTPUT (+)
12
DO2-
O
CH2 OUTPUT (-)
13
PGND1
-
POWER GROUND 1
14
REV
I
CH5 INPUT 2
NO
SYMBOL
I/O
DESCRIPTION
15
DO5+
O
CH5 OUTPUT (+)
16
DO5-
O
CH5 OUTPUT (-)
17
DO3-
O
CH3 OUTPUT (-)
18
DO3+
O
CH3 OUTPUT (+)
19
IN3
I
CH3 INPUT
20
CTL
I
CH5 MOTOR SPEED
CONTROL INPUT
21
VCC1
-
SUPPLY VOLTAGE 1
(CH2,CH3,CH5)
22
VCC2
-
SUPPLY VOLTAGE 2
(CH1,CH4,SIGNAL,REG)
23
REF
I
REFERENCE INPUT
24
N/C
-
NO CONNECTION
25
IN4
I
CH4 INPUT
26
DO4+
O
CH4 OUTPUT (+)
27
DO4-
O
CH4 OUTPUT (-)
28
PGND2
-
POWER GROUND 2
PIN CONNECTIONS


Similar Part No. - IP4001S-TF

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP4001 INTERPION-IP4001 Datasheet
705Kb / 23P
   5-CH MOTOR DRIVE IC
IP4001TF INTERPION-IP4001TF Datasheet
705Kb / 23P
   5-CH MOTOR DRIVE IC
More results

Similar Description - IP4001S-TF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
FAN8039BD3 FAIRCHILD-FAN8039BD3 Datasheet
291Kb / 16P
   5-CH Motor Driver
FAN8042 FAIRCHILD-FAN8042 Datasheet
223Kb / 18P
   5-CH Motor Driver
FAN8026G3 FAIRCHILD-FAN8026G3 Datasheet
254Kb / 14P
   5-CH Motor Driver
logo
Interpion semiconductor
IP4011 INTERPION-IP4011 Datasheet
709Kb / 23P
   5-CH MOTOR DRIVE IC
IP4504A INTERPION-IP4504A Datasheet
129Kb / 5P
   5-CH MOTOR DRIVE IC
IP4001 INTERPION-IP4001 Datasheet
705Kb / 23P
   5-CH MOTOR DRIVE IC
logo
Ceramate Technical
CMD4504 CERAMATE-CMD4504 Datasheet
205Kb / 6P
   5-CH Motor Drive IC
logo
Interpion semiconductor
IP9005 INTERPION-IP9005 Datasheet
210Kb / 15P
   5-CH MOTOR DRIVE IC
IP9004 INTERPION-IP9004 Datasheet
173Kb / 12P
   5-CH MOTOR DRIVE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com