Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP4001S-TF Datasheet(PDF) 6 Page - Interpion semiconductor

Part # IP4001S-TF
Description  5-CH MOTOR DRIVEIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4001S-TF Datasheet(HTML) 6 Page - Interpion semiconductor

Back Button IP4001S-TF Datasheet HTML 2Page - Interpion semiconductor IP4001S-TF Datasheet HTML 3Page - Interpion semiconductor IP4001S-TF Datasheet HTML 4Page - Interpion semiconductor IP4001S-TF Datasheet HTML 5Page - Interpion semiconductor IP4001S-TF Datasheet HTML 6Page - Interpion semiconductor IP4001S-TF Datasheet HTML 7Page - Interpion semiconductor IP4001S-TF Datasheet HTML 8Page - Interpion semiconductor IP4001S-TF Datasheet HTML 9Page - Interpion semiconductor IP4001S-TF Datasheet HTML 10Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
- 6 -
Nov. 2004 (Rev. 1)
www.interpionsemi.com
IP4001S
5-CH MOTOR DRIVE IC
APPLICATION SUMMARY (Continued)
- Tray motor drive part
CH5 is a forward/reverse controlled DC motor driver for tray motor. The forward or reverse movement of the
tray motor is controlled by the pins 9 and 14. The output voltage status according to the control input conditions
are shown in the table. The magnitude of the differential output voltage is determined by the control current
generator. The control input voltage, VCTL at the pin20 approximately appears across R1 and hence the control
current,
∆i is VCTL/R1. This current enters into the control current distributor, which generates two output
currents,
∆i1 and ∆i2. The magnitude of ∆i1 and ∆i2 are equal each other and is the same as ∆i. When the pin9
is high and the pin14 is low, the direction of the current flow of
∆i1 and ∆i2 are the same direction as shown in Fig.
5. On the contrary, when the pin9 is low and the pin14 is high, the direction of
∆i1 and ∆i2 are reversed. If both
the pins 9 and 14 are high or low at the same time,
∆i1 and ∆i2 become to be zero and the tray motor is in the
brake mode. When the output is not in the brake mode, the magnitude of the differential output voltage and the
CTL-to-output transfer gain are given as in the following equations. The resistors, R1 and R2 are selected such
that Gv has a typical value of 1.0 V/V. Rb1 and Rb2 are used for setting the output voltage when the pin20 is
open circuited. The typical output voltage as the pin20 is opened is about 3.1V for the supply voltage of 8V.
INPUT
FWD(PIN9)
REV(PIN14)
DO5+(PIN15)
DO5-(PIN16)
STATUS
High
High
Vpref
Vpref
Brake
High
Low
High
Low
Forward
Low
High
Low
High
Reverse
Low
Low
Vpref
Vpref
Brake
OUTPUT
⋅⋅
G v=
R2
V o= 2
C TL
R1
V o
R2
=2
C T L
R1
Fig. 3. Tray drive part
VCTL
Δi=
R1
R2
Vo5+ = Pref - VCTL
R1
R2
Vo5- = Pref + VCTL
R1


Similar Part No. - IP4001S-TF

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP4001 INTERPION-IP4001 Datasheet
705Kb / 23P
   5-CH MOTOR DRIVE IC
IP4001TF INTERPION-IP4001TF Datasheet
705Kb / 23P
   5-CH MOTOR DRIVE IC
More results

Similar Description - IP4001S-TF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
FAN8039BD3 FAIRCHILD-FAN8039BD3 Datasheet
291Kb / 16P
   5-CH Motor Driver
FAN8042 FAIRCHILD-FAN8042 Datasheet
223Kb / 18P
   5-CH Motor Driver
FAN8026G3 FAIRCHILD-FAN8026G3 Datasheet
254Kb / 14P
   5-CH Motor Driver
logo
Interpion semiconductor
IP4011 INTERPION-IP4011 Datasheet
709Kb / 23P
   5-CH MOTOR DRIVE IC
IP4504A INTERPION-IP4504A Datasheet
129Kb / 5P
   5-CH MOTOR DRIVE IC
IP4001 INTERPION-IP4001 Datasheet
705Kb / 23P
   5-CH MOTOR DRIVE IC
logo
Ceramate Technical
CMD4504 CERAMATE-CMD4504 Datasheet
205Kb / 6P
   5-CH Motor Drive IC
logo
Interpion semiconductor
IP9005 INTERPION-IP9005 Datasheet
210Kb / 15P
   5-CH MOTOR DRIVE IC
IP9004 INTERPION-IP9004 Datasheet
173Kb / 12P
   5-CH MOTOR DRIVE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com