Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8EE Datasheet(PDF) 7 Page - Nanya Technology Corporation.

Part # NT5TU64M8EE
Description  DDR2 512Mb SDRAM
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8EE Datasheet(HTML) 7 Page - Nanya Technology Corporation.

Back Button NT5TU64M8EE Datasheet HTML 3Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 4Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 5Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 6Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 7Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 8Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 9Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 10Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 11Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
7
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
Ball Descriptions
Symbol
Type
Function
CK,
CK
Input
Clock: CK and
CK are differential clock inputs. All address and control input signals are
sampled on the crossing of the positive edge of CK and negative edge of
CK. Output
(read) data is referenced to the crossings of CK and
CK (both directions of crossing).
CKE
Input
Clock Enable: CKE high activates, and CKE low deactivates, internal clock signals and
device input buffers and output drivers. Taking CKE low provides Precharge
Power-Down and Self-Refresh operation (all banks idle), or Active Power-Down (row
Active in any bank). CKE is synchronous for power down entry and exit and for
Self-Refresh entry. CKE is asynchronous for Self-Refresh exit. After VREF has become
stable during the power on and initialization sequence, it must be maintained for proper
operation of the CKE receiver. For proper self-refresh entry and exit, VREF must
maintain to this input. CKE must be maintained high throughout read and write
accesses. Input buffers, excluding CK,
CK, ODT and CKE are disabled during Power
Down. Input buffers, excluding CKE, are disabled during Self-Refresh.
CS
Input
Chip Select: All commands are masked when
CS is registered high. CS provides for
external rank selection on systems with multiple memory ranks.
CS is considered part
of the command code.
RAS, CAS,WE
Input
Command Inputs:
RAS, CAS and WE (along with CS) define the command being
entered.
DM
(LDM, UDM)
Input
Input Data Mask: DM is an input mask signal for write data. Input data is masked when
DM is sampled high coincident with that input data during a Write access. DM is
sampled on both edges of DQS. Although DM pins are input only, the DM loading
matches the DQ and DQS loading. For x8 Device, the function of DM or RDQS/
RDQS is
enabled by EMRS command to EMR(1).
BA0
– BA1
Input
Bank Address Inputs: BA0 and BA1 define to which bank an Active, Read, Write or
Precharge command is being applied. Bank address also determines if the mode
register or extended mode register is to be accessed during a MRS or EMRS cycle.
A0
– A13
Input
Address Inputs: Provides the row address for Activate commands and the column
address and Auto Precharge or Read/Write commands to select one location out of the
memory array in the respective bank. A10 is sampled during a Precharge command to
determine whether the precharge applies to one bank (A10=low) or all banks
(A10=high). If only one bank is to be precharged, the bank is selected by BA0-BA1. The
address inputs also provide the op-code during Mode Register Set commands.
DQ
Input/output
Data Inputs/Output: Bi-directional data bus.


Similar Part No. - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-AC NANYA-NT5TU64M8EE-AC Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACA NANYA-NT5TU64M8EE-ACA Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACH NANYA-NT5TU64M8EE-ACH Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACI NANYA-NT5TU64M8EE-ACI Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com