Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8EE Datasheet(PDF) 54 Page - Nanya Technology Corporation.

Part # NT5TU64M8EE
Description  DDR2 512Mb SDRAM
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8EE Datasheet(HTML) 54 Page - Nanya Technology Corporation.

Back Button NT5TU64M8EE Datasheet HTML 50Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 51Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 52Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 53Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 54Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 55Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 56Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 57Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 58Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
54
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
DC & AC Logic Input Levels
DDR2 SDRAM pin timing are specified for either single ended or differential mode depending on the setting of the EMRS(1)
“Enable DQS” mode bit; timing advantages of differential mode are realized in system design. The method by which the
DDR2 SDRAM pin timing are measured is mode dependent. In single ended mode, timing relationships are measured
relative to the rising or falling edges of DQS crossing at VREF.
In differential mode, these timing relationships are
measured relative to the cross point of DQS and its complement, DQS. This distinction in timing methods is guaranteed by
design and characterization. In single ended mode, the DQS (and RDQS) signals are internally di
sabled and don’t care.
Input DC logic level
Symbol
Parameter
Min
Max
Units
VIH(dc)
DC input logic high
VREF + 0.125
VDDQ + 0.3
V
VIL(dc)
DC input logic low
-0.3
VREF - 0.125
V
Input AC logic level
Symbol
Parameter
DDR2-667, DDR2-800
Units
Min
Max
VIH(ac)
AC input logic high
VREF + 0.200
VDDQ+Vpeak
V
VIL(ac)
AC input logic low
VSSQ-Vpeak
VREF - 0.200
V
NOTE 1 Refer to Overshoot/undershoot specifications for Vpeak value: maximum peak amplitude allowed for overshoot and undershoot.
AC input test conditions
Symbol
Condition
Value
Units
Notes
VREF
Input reference voltage
0.5 x VDDQ
V
1
VSWING(MAX)
Input signal maximum peak to peak swing
1.0
V
1
SLEW
Input signal minimum slew rate
1.0
V/ns
2,3
NOTE 1 Input waveform timing is referenced to the input signal crossing through the VIH/IL(AC) level applied to the device under test.
NOTE 2 The input signal minimum slew rate is to be maintained over the range from VREF to VIH(ac) min for rising edges and the
range from VREF to VIL(ac) max for falling edges as shown in the below figure.
NOTE 3 AC timings are referenced with input waveforms switching from VIL(ac) to VIH(ac) on the positive transitions and VIH(ac)
to VIL(ac) on the negative transitions.


Similar Part No. - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-AC NANYA-NT5TU64M8EE-AC Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACA NANYA-NT5TU64M8EE-ACA Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACH NANYA-NT5TU64M8EE-ACH Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACI NANYA-NT5TU64M8EE-ACI Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
512Mb DDR2 SDRAM
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com