Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8EE Datasheet(PDF) 45 Page - Nanya Technology Corporation.

Part # NT5TU64M8EE
Description  DDR2 512Mb SDRAM
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8EE Datasheet(HTML) 45 Page - Nanya Technology Corporation.

Back Button NT5TU64M8EE Datasheet HTML 41Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 42Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 43Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 44Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 45Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 46Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 47Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 48Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 49Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
45
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
Power-Down
Power-down is synchronously entered when CKE is registered low, along with NOP or Deselect command. CKE is not
allowed to go low while mode register or extended mode register command time, or read or write operation is in progress.
CKE is allowed to go low while any other operation such as row activation, Precharge, Auto-Precharge or Auto-Refresh is in
progress, but power-down IDD specification will not be applied until finishing those operations.
The DLL should be in a locked state when power-down is entered. Otherwise DLL should be reset after exiting power-down
mode for proper read operation.
If power-down occurs when all banks are precharged, this mode is referred to as Precharge Power-down; if power-down
occurs when there is a row active in any bank, this mode is referred to as Active Power-down. For Active Power-down two
different power saving modes can
be selected within the MRS register, address bit A12. When A12 is set to “low” this mode
is referred as “standard active power-down mode” and a fast power-down exit timing defined by the tXARD timing parameter
can be used. When A12 is set to
“high” this mode is referred as a power saving “low power active power-down mode”. This
mode takes longer to exit from the power-down mode and the tXARDS timing parameter has to be satisfied.
Entering power-down deactivates the input and output buffers, excluding CK, CK, ODT and CKE. Also the DLL is disabled
upon entering Precharge Power-down or slow exit active power-down, but the DLL is kept enabled during fast exit active
power-down.
In power-down mode, CKE low and a stable clock signal must be maintained at the inputs of the DDR2
SDRAM, and all other input signals are “Don’t Care”. Power-down duration is limited by 9 times tREFI of the device.
The power-down state is synchronously exited when CKE is registered high (along with a NOP or Deselect command). A
valid, executable command can be applied with power-down exit latency, tXP, tXARD or tXARDS, after CKE goes high.
Power-down exit latencies are defined in the AC spec table of this data sheet.
Power-Down Entry
Active Power-down mode can be entered after an activate command. Precharge Power-down mode can be entered after a
precharge, Precharge-All or internal precharge command. It is also allowed to enter power-mode after an Auto-Refresh
command or MRS / EMRS(1) command when tMRD is satisfied.
Active Power-down mode entry is prohibited as long as a Read Burst is in progress, meaning CKE should be kept high until
the burst operation is finished. Therefore Active Power-Down mode entry after a Read or Read with Auto-Precharge
command is allowed after RL + BL/2 is satisfied.
Active Power-down mode entry is prohibited as long as a Write Burst and the internal write recovery is in progress. In case
of a write command, active power-down mode entry is allowed then WL + BL/2 + tWTR is satisfied.
In case of a write command with Auto-Precharge, Power-down mode entry is allowed after the internal precharge command
has been executed, which WL + BL/2 + WR is starting from the write with Auto-Precharge command. In case the DDR2
SDRAM enters the Precharge Power-down mode.


Similar Part No. - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-AC NANYA-NT5TU64M8EE-AC Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACA NANYA-NT5TU64M8EE-ACA Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACH NANYA-NT5TU64M8EE-ACH Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACI NANYA-NT5TU64M8EE-ACI Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
512Mb DDR2 SDRAM
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com