Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8EE Datasheet(PDF) 44 Page - Nanya Technology Corporation.

Part # NT5TU64M8EE
Description  DDR2 512Mb SDRAM
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8EE Datasheet(HTML) 44 Page - Nanya Technology Corporation.

Back Button NT5TU64M8EE Datasheet HTML 40Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 41Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 42Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 43Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 44Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 45Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 46Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 47Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 48Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
44
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
Self-Refresh Command
The Self-Refresh command can be used to retain data, even if the rest of the system is powered down. When in the
Self-Refresh mode, the DDR2 SDRAM retains data without external clocking.
The DDR2 SDRAM device has a built-in timer to accommodate Self-Refresh operation. The Self-Refresh Command is
defined by having
CS, RAS, CAS and CKE held low with WE high at the rising edge of the clock. ODT must be turned off
before issuing Self Refresh command, by either driving ODT pin low or using EMRS (1) command. Once the command is
registered, CKE must be held low to keep the device in Self-Refresh mode. When the DDR2 SDRAM has entered
Self-Refresh mode all of the external control signals, except CKE, are disabled. The clock is internally disabled during
Self-Refresh Operation to save power. The user may change the external clock frequency or halt the external clock one
clock after Self-Refresh entry is registered, however, the clock must be restarted and stable before the device can exit
Self-Refresh operation. Once Self-Refresh Exit command is registered, a delay equal or longer than the tXSNR or tXSRD must
be satisfied before a valid command can be issued to the device. CKE must remain high for the entire Self-Refresh exit
period (tXSNR or tXSRD) for proper operation. NOP or DESELECT commands must be registered on each positive clock edge
during the Self-Refresh exit interval. Since the ODT function is not supported during Self-Refresh operation, ODT has to be
turned off tAOFD before entering Self-Refresh Mode and can be turned on again when the tXSRD timing is satisfied.
CK/CK
T1
T3
T2
CK/CK may
be halted
CK/CK must
be stable
CKE
>=tXSRD
>= tXSNR
Tn
Tr
Tm
T5
T4
tRP*
tis
tAOFD
CMD
Self Refresh
Entry
NOP
Non-Read
Command
Read
Command
T0
tis
tis
ODT
* Device must be in theing "All banks idle" state to enter Self Refresh mode.
* ODT must be turned off prior to entering Self Refresh mode.
* tXSRD (>=200 tCK) has to be satisfied for a Read or as Read with Auto-Precharge commend.
* tXSNR has to be satisfied for any command execept Read or a Read with Auto-Precharge command, where tXSNR is defined as tRFC + 10ns.
* The minium CKE low time is defined by the tCKEmin. timming paramester.
* Since CKE is an SSTL input, VREF must maintained during Self-Refresh.


Similar Part No. - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-AC NANYA-NT5TU64M8EE-AC Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACA NANYA-NT5TU64M8EE-ACA Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACH NANYA-NT5TU64M8EE-ACH Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACI NANYA-NT5TU64M8EE-ACI Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com