Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8EE Datasheet(PDF) 38 Page - Nanya Technology Corporation.

Part # NT5TU64M8EE
Description  DDR2 512Mb SDRAM
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8EE Datasheet(HTML) 38 Page - Nanya Technology Corporation.

Back Button NT5TU64M8EE Datasheet HTML 34Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 35Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 36Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 37Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 38Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 39Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 40Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 41Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 42Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
38
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
Auto-Precharge Operation
Before a new row in an active bank can be opened, the active bank must be precharged using either the Pre-charge
Command or the Auto-Precharge function. When a Read or a Write Command is given to the DDR2 SDRAM, the
CAS
timing accepts one extra address, column address A10, to allow the active bank to automatically begin precharge at the
earliest possible moment during the burst read or write cycle. If A10 is low when the Read or Write Command is issued,
then normal Read or Write burst operation is executed and the bank remains active at the completion of the burst sequence.
If A10 is high when the Read or Write Command is issued, then the Auto-Precharge function is enabled. During
Auto-Precharge, a Read Command will execute as normal with the exception that the active bank will begin to precharge
internally on the rising edge which is
CAS Latency (CL) clock cycles before the end of the read burst. Auto-Precharge is
also implemented for Write Commands. The precharge operation engaged by the Auto-Precharge command will not begin
until the last data of the write burst sequence is properly stored in the memory array. This feature allows the precharge
operation to be partially or completely hidden during burst read cycles (dependent upon
CAS Latency) thus improving
system performance for random data access. The RAS lockout circuit internally delays the precharge operation until the
array restore operation has been completed so that the Auto-Precharge command may be issued with any read or write
command.
Burst Read with Auto-Precharge
If A10 is high when a Read Command is issued, the Read with Auto-Precharge function is engaged. The DDR2 SDRAM
starts an Auto-Precharge operation on the rising edge which is (AL + BL/2) cycles later from the Read with AP command if
tRAS(min) and tRTP are satisfied. If tRAS(min) is not satisfied at the edge, the start point of Auto-Precharge operation will be
delayed until tRAS(min) is satisfied.
If tRTP(min) is not satisfied at the edge, the start point of Auto-Precharge operation will
be delayed until tRTP(min) is satisfied.
In case the internal precharge is pushed out by tRTP, tRP starts at the point where the internal precharge happens (not at the
next rising clock edge after this event). So for BL = 4 the minimum time from Read with Auto-Precharge to the next Activate
command becomes AL + tRTP + tRP. For BL = 8 the time from Read with Auto-Precharge to the next Activate command is AL
+ 2 + tRTP + tRP. Note that both parameters tRTP and tRP have to be rounded up to the next integer value. In any event internal
precharge does not start earlier than two clocks after the last 4-bit prefetch.
A new bank active (command) may be issued to the same bank if the following two conditions are satisfied simultaneously:
(1) The
RAS precharge time (tRP) has been satisfied from the clock at which the Auto-Precharge begins.
(2) The
RAS cycle time (tRC) from the previous bank activation has been satisfied.


Similar Part No. - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-AC NANYA-NT5TU64M8EE-AC Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACA NANYA-NT5TU64M8EE-ACA Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACH NANYA-NT5TU64M8EE-ACH Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACI NANYA-NT5TU64M8EE-ACI Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com