Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8EE Datasheet(PDF) 29 Page - Nanya Technology Corporation.

Part # NT5TU64M8EE
Description  DDR2 512Mb SDRAM
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8EE Datasheet(HTML) 29 Page - Nanya Technology Corporation.

Back Button NT5TU64M8EE Datasheet HTML 25Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 26Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 27Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 28Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 29Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 30Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 31Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 32Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 33Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
29
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
Burst Read followed by Burst Write : RL = 5, WL = (RL-1) = 4, BL = 4
The minimum time from the burst read command to the burst write command is defined by a read-to-write-turn-around
time(tRTW), which is 4 clocks in case of BL=4 operation, 6 clocks in case of BL=8 operation.
Burst Write followed by Burst Read: RL = 5 (AL = 2, CL = 3), WL = 4, tWTR = 2, BL = 4
NOP
NOP
NOP
NOP
NOP
READ A
Post CAS
BWBR
CMD
DQ
NOP
DIN A0 DIN A1 DIN A2 DIN A3
AL=2
CL=3
NOP
NOP
tWTR
T0
T2
T1
T3
T4
T5
T6
T7
T8
T9
Write to Read = (CL - 1)+ BL/2 +tWTR(2) = 6
DQS,
DQS
WL = RL - 1 = 4
RL=5
CK, CK
The minimum number of clocks from the burst write command to the burst read command is (CL - 1) +BL/2 + tWTR where
tWTR is the write-to-read turn-around time tWTR expressed in clock cycles. The tWTR is not a write recovery time (tWR) but the
time required to transfer 4 bit write data from the input buffer into sense amplifiers in the array.
Seamless Burst Write Operation: RL = 5, WL = 4, BL = 4
NOP
NOP
NOP
NOP
NOP
NOP
NOP
DIN A0 DIN A1 DIN A2 DIN A3
WRITE A
Post CAS
WL = RL - 1 = 4
WRITE B
Post CAS
DIN B0 DIN B1 DIN B2 DIN B3
T0
T2
T1
T3
T4
T5
T6
T7
T8
CMD
DQ
SBR
DQS,
DQS
CK, CK
The seamless burst write operation is supported by enabling a write command every BL / 2 number of clocks. This
operation is allowed regardless of same or different banks as long as the banks are activated.


Similar Part No. - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-AC NANYA-NT5TU64M8EE-AC Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACA NANYA-NT5TU64M8EE-ACA Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACH NANYA-NT5TU64M8EE-ACH Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACI NANYA-NT5TU64M8EE-ACI Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com