Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8EE Datasheet(PDF) 27 Page - Nanya Technology Corporation.

Part # NT5TU64M8EE
Description  DDR2 512Mb SDRAM
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8EE Datasheet(HTML) 27 Page - Nanya Technology Corporation.

Back Button NT5TU64M8EE Datasheet HTML 23Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 24Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 25Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 26Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 27Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 28Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 29Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 30Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 31Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
27
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
Seamless Burst Read Operation: RL = 5, AL = 2, CL = 3, BL = 4
NOP
NOP
NOP
NOP
NOP
NOP
NOP
READ A
Post CAS
READ B
Post CAS
T0
T2
T1
T3
T4
T5
T6
T7
T8
Dout A0
Dout A1
Dout A2
Dout A3
Dout B0
Dout B1
Dout B2
Dout B3
RL = 5
AL = 2
CL = 3
SBR523
CMD
DQ
DQS,
DQS
CK, CK
The seamle
ss burst read operation’s supported by enabling a read command at every clock for BL=4 operation, and every
4 clock for BL=8 operation. This operation allows regardless of same or different banks as long as the banks activated.
Burst Write Command
The Burst Write command is initiated by having
CS, CAS and WE low while holding RAS high at the rising edge of the clock.
The address inputs determine the starting column address. Write latency (WL) is defined by a read latency (RL) minus one
and is equal to (AL + CL -1). A data strobe signal (DQS) has to be driven low (preamble) a time tWPRE prior to the WL. The
first data bit of the burst cycle must be applied to the DQ pins at the first rising edge of the DQS following the preamble. The
tDQSS specification must be satisfied for write cycles. The subsequent burst bit data are issued on successive edges of the
DQS until the burst length is completed, which is 4 or 8 bit burst. When the burst has finished, any additional data supplied
to the DQ pins will be ignored. The DQ signal is ignored after the burst write operation is complete. The time from the
completion of the burst write to bank precharge is named “write recovery time” (WR).
DDR2 SDRAM pin timings are specified for either single ended mode or differential mode depending on the setting of the
EM
RS “Enable DQS” mode bit; timing advantages of differential mode are realized in system design. The method by which
the DDR2 SDRAM pin timing measured is mode dependent.
Basic Burst Write Timing
DQS,
DQS
DQS
DQS
t DQSH
tDQSL
tWPRE
WPST
t
Din
Din
Din
Din
t
DS
t DH


Similar Part No. - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-AC NANYA-NT5TU64M8EE-AC Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACA NANYA-NT5TU64M8EE-ACA Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACH NANYA-NT5TU64M8EE-ACH Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACI NANYA-NT5TU64M8EE-ACI Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com