Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8EE Datasheet(PDF) 25 Page - Nanya Technology Corporation.

Part # NT5TU64M8EE
Description  DDR2 512Mb SDRAM
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8EE Datasheet(HTML) 25 Page - Nanya Technology Corporation.

Back Button NT5TU64M8EE Datasheet HTML 21Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 22Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 23Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 24Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 25Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 26Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 27Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 28Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 29Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
25
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
Burst Read Command
The Burst Read command is initiated by having
CS and CAS low while holding RAS and WE high at the rising edge of the
clock. The address inputs determine the starting column address for the burst. The delay from the start of the command
until the data from the first cell appears on the outputs is equal to the value of the read latency (RL). The data strobe output
(DQS) is driven low one clock cycle before valid data (DQ) is driven onto the data bus. The first bit of the burst is
synchronized with the rising edge of the data strobe (DQS). Each subsequent data-out appears on the DQ pin in phase with
the DQS signal in a source synchronous manner. The RL is equal to an additive latency (AL) plus
CAS latency (CL). The CL
is defined by the Mode Register Set (MRS).
The AL is defined by the Extended Mode Register Set (EMRS (1))
Basic Burst Read Timing
DQS,
DQS
DQ
DQS
DQS
t RPRE
t DQSQmax
tRPST
t DQSCK
tAC
Dout
Dout
Dout
Dout
CLK, CLK
CLK
CLK
t CH
tCL
t CK
DO-Read
t QH
DQSQmax
t
QH
t
t LZ
t HZ
Examples:
Burst Read Operation: RL = 5 (AL = 2, CL = 3, BL = 4)
NOP
NOP
NOP
NOP
NOP
NOP
NOP
READ A
T0
T2
T1
T3
T4
T5
T6
T7
T8
Dout A0
Dout A1
Dout A2
Dout A3
RL = 5
AL = 2
CL = 3
NOP
<= tDQSCK
CMD
DQ
BRead523
DQS,
DQS
Post CAS
CK, CK


Similar Part No. - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-AC NANYA-NT5TU64M8EE-AC Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACA NANYA-NT5TU64M8EE-ACA Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACH NANYA-NT5TU64M8EE-ACH Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACI NANYA-NT5TU64M8EE-ACI Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com