Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8EE Datasheet(PDF) 22 Page - Nanya Technology Corporation.

Part # NT5TU64M8EE
Description  DDR2 512Mb SDRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8EE Datasheet(HTML) 22 Page - Nanya Technology Corporation.

Back Button NT5TU64M8EE Datasheet HTML 18Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 19Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 20Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 21Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 22Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 23Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 24Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 25Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 26Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
22
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
Read and Write Commands and Access Modes
After a bank has been activated, a read or write cycle can be executed. This is accomplished by setting
RAS high, CS and
CAS low at the clock’s rising edge. WE must also be defined at this time to determine whether the access cycle is a read
operation (
WE high) or a write operation (WE low). The DDR2 SDRAM provides a fast column access operation. A single
Read or Write Command will initiate a serial read or write operation on successive clock cycles. The boundary of the burst
cycle is restricted to specific segments of the page length.
A new burst access must not interrupt the previous 4 bit burst operation in case of BL = 4 setting. However, in case of
BL=8 setting, two cases of interrupt by a new burst access are allowed, one reads interrupted by a read, the other writes
interrupted by a write with 4 bit burst boundary respectively, and the minimum
CAS to CAS delay (tCCD) is minimum 2
clocks for read or write cycles.
Posted
CAS
Posted
CAS operation is supported to make command and data bus efficient for sustainable bandwidths in DDR2
SDRAM. In this operation, the DDR2 SDRAM allows a Read or Write command to be issued immediately after the
RAS
bank activate command (or any time during the
RAS to CAS delay time, tRCD, period). The command is held for the time of
the Additive Latency (AL) before it is issued inside the device. The Read Latency (RL) is the sum of AL and the
CAS
latency (CL). Therefore if a user chooses to issue a Read/Write command before the tRCDmin, then AL greater than 0
must be written into the EMRS (1). The Write Latency (WL) is always defined as RL - 1 (Read Latency -1) where Read
Latency is defined as the sum of Additive Latency plus
CAS latency (RL=AL+CL). If a user chooses to issue a Read
command after the tRCDmin period, the Read Latency is also defined as RL = AL + CL.
Example of posted
CAS operation:
Read followed by a write to the same bank:
AL = 2 and CL = 3, RL = (AL + CL) = 5, WL = (RL -1) = 4, BL = 4
Dout0 Dout1 Dout2Dout3
CMD
DQ
0
2
3
4
5
6
7
8
9
10
11
12
-1
1
>=tRCD
AL = 2
RL = AL + CL = 5
CL = 3
WL = RL -1 = 4
Din0 Din1
Din2 Din3
PostCAS1
DQS,
DQS
Activate
Read
Write
Bank A
Bank A
Bank A
CK, CK


Similar Part No. - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-AC NANYA-NT5TU64M8EE-AC Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACA NANYA-NT5TU64M8EE-ACA Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACH NANYA-NT5TU64M8EE-ACH Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACI NANYA-NT5TU64M8EE-ACI Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
512Mb DDR2 SDRAM
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com