Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8EE Datasheet(PDF) 13 Page - Nanya Technology Corporation.

Part # NT5TU64M8EE
Description  DDR2 512Mb SDRAM
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8EE Datasheet(HTML) 13 Page - Nanya Technology Corporation.

Back Button NT5TU64M8EE Datasheet HTML 9Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 10Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 11Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 12Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 13Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 14Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 15Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 16Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 17Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
13
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
Mode Register
– MR Programming
BA1
BA0
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
PPD
DLL
TM
BT
A12
A8
A3
0
0
0
1
1
1
BA1
BA0
A7
0
0
0
0
1
1
A2
A1
A0
BL
1
0
0
1
0
4
1
1
0
1
1
8
A11
A10
A9
A6
A5
A4
0
0
0
0
0
0
0
0
1
0
0
1
0
1
0
0
1
0
0
1
1
0
1
1
1
0
0
1
0
0
1
0
1
1
0
1
1
1
0
1
1
0
1
1
1
1
1
1
8
7
5
4
6
5
7
6
2
Reserved
3
Reserved
4
3
EMRS(2)
EMRS(3)
WR
CAS Latency
Reserved
Reserved
MR select
mode
MR
Normal
EMRS(1)
Test
Fast exit (tXARD)
No
Sequential
Slow exit (tXARDS)
Yes
Interleave
MR select
WR
CAS latency
Burst Length
PPD
DLL Reset
Burst Type
NOTE 1 Bits of Reserved for future use must be set to 0 when programming the MR.
NOTE 2 For DDR2-400/533, WR (write recovery for autoprecharge) min is determined by tCK max and WR max is determined by
tCK min. WR in clock cycles is calculated by dividing tWR (in ns) by tCK (in ns) and rounding up to the next integer
(WR[cycles] = RU{ tWR[ns] / tCK[ns] }, where RU stands for round up). For DDR2-667/800, WR min is determined by
tCK(avg) max and WR max is determined by tCK(avg) min. WR[cycles] = RU{ tWR[ns] / tCK(avg)[ns] }, where RU
stands for round up. The mode register must be programmed to this value. This is also used with tRP to determine tDAL.


Similar Part No. - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-AC NANYA-NT5TU64M8EE-AC Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACA NANYA-NT5TU64M8EE-ACA Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACH NANYA-NT5TU64M8EE-ACH Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACI NANYA-NT5TU64M8EE-ACI Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com