Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8EE Datasheet(PDF) 12 Page - Nanya Technology Corporation.

Part # NT5TU64M8EE
Description  DDR2 512Mb SDRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8EE Datasheet(HTML) 12 Page - Nanya Technology Corporation.

Back Button NT5TU64M8EE Datasheet HTML 8Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 9Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 10Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 11Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 12Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 13Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 14Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 15Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 16Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
12
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
Register Definition
Programming the Mode Registration and Extended Mode Registers
For application flexibility, burst length, burst type, CAS latency, DLL reset function, write recovery time (tWR) are user
defined variables and must be programmed with a Mode Register Set (MRS) command. Additionally, DLL disable
function, additive CAS latency, driver impedance, ODT (On Die Termination), single-ended strobe and OCD (off chip
driver impedance adjustment) are also user defined variables and must be programmed with an Extended Mode Register
Set (EMRS) command. Contents of the Mode Register (MR) and Extended Mode Registers (EMR (#)) can be altered by
re-executing the MRS and EMRS Commands. If the user chooses to modify only a subset of the MRS or EMRS variables,
all variables must be redefined when the MRS or EMRS commands are issued. MRS, EMRS and DLL Reset do not affect
array contents, which mean re-initialization including those can be executed any time after power-up without affecting
array contents.
Mode Registration Set (MRS)
The mode register stores the data for controlling the various operating modes of DDR2 SDRAM. It controls CAS latency,
burst length, burst sequence, test mode, DLL reset, tWR and various vendor specific options to make DDR2 SDRAM
useful for various applications. The default value of the mode register is not defined, therefore the mode register must be
written after power-up for proper operation. The mode register is written by asserting low on
CS, RAS, CAS, WE, BA0,
BA1 and BA1, while controlling the state of address pins A0 ~ A13. The DDR2 SDRAM should be in all banks precharged
(idle) mode with CKE already high prior to writing into the mode register. The mode register set command cycle time (tMRD)
is required to complete the write operation to the mode register. The mode register contents can be changed using the
same command and clock cycle requirements during normal operation as long as all banks are in the precharged state.
The mode register is divided into various fields depending on functionality. Burst length is defined by A0 ~ A2 with options
of 4 and 8 bit burst length. Burst address sequence type is defined by A3 and CAS latency is defined by A4 ~ A6. A7 is
used for test mode and must be set to low for normal MRS operation. A8 is used for DLL reset. A9 ~ A11 are used for
write recovery time (WR) definition for Auto-Precharge mode.


Similar Part No. - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-AC NANYA-NT5TU64M8EE-AC Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACA NANYA-NT5TU64M8EE-ACA Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACH NANYA-NT5TU64M8EE-ACH Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACI NANYA-NT5TU64M8EE-ACI Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
512Mb DDR2 SDRAM
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com