Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8EE Datasheet(PDF) 11 Page - Nanya Technology Corporation.

Part # NT5TU64M8EE
Description  DDR2 512Mb SDRAM
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8EE Datasheet(HTML) 11 Page - Nanya Technology Corporation.

Back Button NT5TU64M8EE Datasheet HTML 7Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 8Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 9Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 10Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 11Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 12Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 13Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 14Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 15Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
11
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
3. For the minimum of 200us after stable power (VDD, VDDL, VDDQ, VREF, and VTT are between their minimum and
maximum values as stated in Re-commanded DC operating conditions table, and stable clock, then apply NOP or
Deselect & take CKE HIGH.
4. Wait minimum of 400 ns then issue precharge all command. NOP or Deselect applied during 400 ns period.
5. Issue an EMRS command to EMR(2). (To issue EMRS command to EMR(2), provide LOW to BA0 and BA1,HIGH to
BA1.)
6. Issue an EMRS command to EMR(3). (To issue EMRS command to EMR(3), provide LOW to BA1, HIGH to BA0 and
BA1.)
7. Issue EMRS to enable DLL. (To issue DLL Enable command, provide LOW to A0, HIGH to BA0 and LOW to BA1-BA1
and A12-A13. And A9=A8=A7=LOW must be used when issuing this command.)
8. Issue a Mode Register Set command for DLL reset.(To issue DLL Reset command, provide HIGH to A8 and LOW to
BA0-BA1.)
9. Issue a precharge all command.
10. Issue 2 more auto-refresh commands.
11. Issue a MRS command with LOW to A8 to initialize device operation (i.e. to program operating parameters without
resetting the DLL.)
12. At least 200 clocks after step 7, execute OCD Calibration (Off Chip Driver impedance adjustment). If OCD calibration
is not used, EMRs to EMR (1) to set OCD Calibration Default (A9=A8=A7=HIGH) followed by EMRS to EMR (1) to
exit OCD Calibration Mode (A9=A8=A7=LOW) must be issued with other operating parameters of EMR(1).
13. The DDR2 DRAM is now ready for normal operation.
* To guarantee ODT off, VREF must be valid and a low level must be applied to the ODT pin.
Example:
CK, CK
1st Auto
refresh
MRS
PRE
ALL
EMRS
CMD
2nd Auto
refresh
tRP
tRP
tRFC
tRFC
Extended Mode
Register Set
with DLL enable
Mode Register Set
with DLL reset
PRE
ALL
tMRD
tMRD
min. 200 cycles to
lock the DLL
CKE
Command
400 ns
MRS
NOP
tMRD
EMRS
Follow OCD
flowchart
ODT "low"
Follow OCD
flowchart
EMRS


Similar Part No. - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-AC NANYA-NT5TU64M8EE-AC Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACA NANYA-NT5TU64M8EE-ACA Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACH NANYA-NT5TU64M8EE-ACH Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACI NANYA-NT5TU64M8EE-ACI Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com