Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8EE Datasheet(PDF) 1 Page - Nanya Technology Corporation.

Part # NT5TU64M8EE
Description  DDR2 512Mb SDRAM
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8EE Datasheet(HTML) 1 Page - Nanya Technology Corporation.

  NT5TU64M8EE Datasheet HTML 1Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 2Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 3Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 4Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 5Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 6Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 7Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 8Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 9Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
1
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
DDR2 512Mb SDRAM
 JEDEC DDR2 Compliant
- Double-data rate on DQs, DQS, DM bus
- 4n Prefetch Architecture
Throughput of valid Commands
- Posted CAS and Additive Latency (AL)
 Signal Integrity
- Configurable DS for system compatibility
- Configurable On-Die Termination
 Data Integrity
- Auto Refresh and Self Refresh Modes
 Power Saving Modes
- Power Down Mode
 SSTL_18 compliance and Power Supply
- VDD/VDDQ = 1.70 to 1.90V
Density / Packages information
Lead-free RoHS compliance and Halogen-free
512Mb
(Org. / Package)
Width x Length
(mm)
Ball pitch
(mm)
64 Mb x 8
60 VFBGA
8.00 x 10.00
0.80
32 Mb x 16
84 VFBGA
8.00 x 12.50
0.80
Density and Addressing
Configuration
64 Mb x 8
32 Mb x 16
Number of Banks
4
4
Bank Address
BA0
– BA1
BA0
– BA1
Auto Precharge
A10/AP
A10/AP
Row Address
A0 - A13
A0 - A12
Column Address
A0 - A9
A0
– A9
Page Size
1 KB
2 KB
Features
Options
 Temperature Range (Tc)
2
- Grade I = - 40
℃ to + 95℃
Notes:
1. The timing specification of high speed bin is backward compatible with low speed bin.
2. If TC exceeds 85°C, the DRAM must be refreshed externally at 2x refresh. It is required to set tRE
FI=3.9μs in auto refresh mode and to
set ‘1’ for EMRS (2) bit A7 in self refresh mode.
 Output Drive Impedance (Full, Reduced)
 Burst Length (4, 8)
 Burst Type (Sequential, Interleaved)
 Rtt (50, 75, 150)
Programmable functions
 CAS Latency (3, 4, 5, 6, 7)
 Additive Latency (0, 1, 2, 3, 4, 5, 6)
 WR (2, 3, 4, 5, 6, 7, 8)
 Speed Grade ( DataRate/CL-tRCD-tRP)
1
-
800 Mbps / 5-5-5
Nanya Technology Corp.
NT5TU64M8EE / NT5TU32M16EG
NTC has the rights to change any specifications or product without notification.


Similar Part No. - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-AC NANYA-NT5TU64M8EE-AC Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACA NANYA-NT5TU64M8EE-ACA Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACH NANYA-NT5TU64M8EE-ACH Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACI NANYA-NT5TU64M8EE-ACI Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com