Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8EE Datasheet(PDF) 69 Page - Nanya Technology Corporation.

Part # NT5TU64M8EE
Description  DDR2 512Mb SDRAM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8EE Datasheet(HTML) 69 Page - Nanya Technology Corporation.

Back Button NT5TU64M8EE Datasheet HTML 65Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 66Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 67Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 68Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 69Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 70Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 71Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 72Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 73Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
69
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
Parameter
Symbol
DDR2-667
Units
34
Notes
Min
Max
CAS to CAS command delay
tCCD
2
-
nCK
Write recovery time
tWR
15
-
ns
32
Auto precharge write recovery + precharge time
tDAL
WR + tnRP
-
nCK
33
Internal write to read command delay
tWTR
7.5
-
ns
24,32
Internal read to precharge command delay
tRTP
7.5
-
ns
3,32
CKE minimum pulse width(HIGH and LOW pulse width)
tCKE
3
-
nCK
27
Exit self refresh to a non-read command
tXSNR
tRFC + 10
-
ns
32
Exit self refresh to a read command
tXSRD
200
-
nCK
Exit precharge power down to any non-read command
tXP
2
-
nCK
Exit active power down to read command
tXARD
2
-
nCK
1
Exit active power down to read command (slow exit, lower
power)
tXARDS
7 - AL
-
nCK
1,2
ODT turn-on delay
tAOND
2
2
nCK
16
ODT turn-on
tAON
tAC,min
tACmax + 0.7
ns
6,16,40
ODT turn-on (Power-Down mode)
tAONPD
tAC,min + 2
2 x tCK(avg)
+tAC,max + 1
ns
ODT turn-off delay
tAOFD
2.5
2.5
nCK
17,45
ODT turn-off
tAOF
tAC,min
tAC,max + 0.6
ns
17,43,45
ODT turn-off (Power-Down mode)
tAOFPD
tAC,min + 2
2.5 x tCK(avg)
+ tAC,max + 1
ns
ODT to power down entry latency
tANPD
3
-
nCK
ODT power down exit latency
tAXPD
8
-
nCK
Mode register set command cycle time
tMRD
2
-
nCK
MRS command to ODT update delay
tMOD
0
12
ns
32
OCD drive mode output delay
tOIT
0
12
ns
32
Minimum time clocks remains ON after CKE
asynchronously drops LOW
tDelay
tIS +tCK(avg)
+tIH
-
ns
15


Similar Part No. - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-AC NANYA-NT5TU64M8EE-AC Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACA NANYA-NT5TU64M8EE-ACA Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACH NANYA-NT5TU64M8EE-ACH Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACI NANYA-NT5TU64M8EE-ACI Datasheet
4Mb / 98P
Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
512Mb DDR2 SDRAM
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com