Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8EE Datasheet(PDF) 68 Page - Nanya Technology Corporation.

Part # NT5TU64M8EE
Description  DDR2 512Mb SDRAM
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8EE Datasheet(HTML) 68 Page - Nanya Technology Corporation.

Back Button NT5TU64M8EE Datasheet HTML 64Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 65Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 66Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 67Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 68Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 69Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 70Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 71Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 72Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
68
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
AC & DC operating conditions
Timing parameters (DDR2-667)
Parameter
Symbol
DDR2-667
Units
34
Notes
Min
Max
Clock cycle time
tCK
3000
8000
ps
35,36
CK HIGH pulse width
tCH
0.48
0.52
tCK(avg)
35,36
CK LOW pulse width
tCL
0.48
0.52
tCK(avg)
35,36
Write command to DQS associated clock edge
WL
RL - 1
nCK
DQS latching rising transitions to associated clock edges
tDQSS
- 0.25
0.25
tCK(avg)
30
DQS falling edge to CK setup time
tDSS
0.2
-
tCK(avg)
30
DQS falling edge hold time from CK
tDSH
0.2
-
tCK(avg)
30
DQS input HIGH pulse width
tDQSH
0.35
-
tCK(avg)
DQS input LOW pulse width
tDQSL
0.35
-
tCK(avg)
Write preamble
tWPRE
0.35
-
tCK(avg)
Write postamble
tWPST
0.4
0.6
tCK(avg)
10
Address and control input setup time
tIS(base)
200
-
ps
5,7,9,22,29
Address and control input hold time
tIH(base)
275
-
ps
5,7,9,23,29
Control & Address input pulse width for each input
tIPW
0.6
-
tCK(avg)
DQ and DM input setup time (differential strobe)
tDS(base)
100
-
ps
6,7,8,20,28,31
DQ and DM input hold time (differential strobe)
tDH(base)
175
-
ps
6,7,8,21,28,31
DQ and DM input pulse width for each input
tDIPW
0.35
-
tCK(avg)
DQ output access time from CK,
CK
tAC
- 450
450
ps
40
DQS output access time from CK,
CK
tDQSCK
- 400
400
ps
40
Data-out high-impedance time from CK,
CK
tHZ
-
tAC,max
ps
18,40
DQS(
DQS) low-impedance time from CK,CK
tLZ(DQS)
tAC,min
tAC,max
ps
18,40
DQ low-impedance time from CK,
CK
tLZ(DQ)
2 x tAC,min
tAC,max
ps
18,40
DQS-DQ skew for DQS and associated DQ signals
tDQSQ
-
240
ps
13
CK half pulse width
tHP
Min(tCH(abs),tCL
(abs) )
-
ps
37
DQ hold skew factor
tQHS
-
340
ps
38
DQ/DQS output hold time from DQS
tQH
tHP - tQHS
-
ps
39
Read preamble
tRPRE
0.9
1.1
tCK(avg)
19,41
Read postamble
tRPST
0.4
0.6
tCK(avg)
19,42
Active to active command period for 1KB page size
tRRD
7.5
-
ns
4,32
Active to active command period for 2KB page size
tRRD
10
-
ns
4,32
Four Activate Window for 1KB page size
tFAW
37.5
-
ns
32
Four Activate Window for 2KB page size
tFAW
50
-
ns
32


Similar Part No. - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-AC NANYA-NT5TU64M8EE-AC Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACA NANYA-NT5TU64M8EE-ACA Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACH NANYA-NT5TU64M8EE-ACH Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACI NANYA-NT5TU64M8EE-ACI Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com