Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8EE Datasheet(PDF) 67 Page - Nanya Technology Corporation.

Part # NT5TU64M8EE
Description  DDR2 512Mb SDRAM
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8EE Datasheet(HTML) 67 Page - Nanya Technology Corporation.

Back Button NT5TU64M8EE Datasheet HTML 63Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 64Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 65Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 66Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 67Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 68Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 69Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 70Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 71Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
67
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
Parameter
Symbol
DDR2-800
Units
34
Notes
Min
Max
Read postamble
tRPST
0.4
0.6
tCK(avg)
19,42
Active to active command period for 1KB page
size
tRRD
7.5
ns
4,32
Active to active command period for 2KB page
size
tRRD
10
-
ns
4,32
Four Activate Window for 1KB page size
tFAW
35
-
ns
32
Four Activate Window for 2KB page size
tFAW
45
-
ns
32
CAS to CAS command delay
tCCD
2
-
nCK
Write recovery time
tWR
15
-
ns
32
Auto precharge write recovery + precharge time
tDAL
WR+tnRP
-
nCK
33
Internal write to read command delay
tWTR
7.5
-
ns
24,32
Internal read to precharge command delay
tRTP
7.5
-
ns
3,32
CKE minimum pulse width (HIGH and LOW
pulse width)
tCKE
3
-
nCK
27
Exit self refresh to a non-read command
tXSNR
tRFC + 10
-
ns
32
Exit self refresh to a read command
tXSRD
200
-
nCK
Exit precharge power down to any non-read
command
tXP
2
-
nCK
Exit active power down to read command
tXARD
2
-
nCK
1
Exit active power down to read command (slow
exit, lower power)
tXARDS
8 - AL
-
nCK
1,2
ODT turn-on delay
tAOND
2
2
nCK
16
ODT turn-on
tAON
tAC,min
tACmax + 0.7
ns
6,16,40
ODT turn-on (Power-Down mode)
tAONPD
tAC,min + 2
2 x tCK(avg) +tAC,max + 1
ns
ODT turn-off delay
tAOFD
2.5
2.5
nCK
17,45
ODT turn-off
tAOF
tAC,min
tAC,max + 0.6
ns
17,43,4
5
ODT turn-off (Power-Down mode)
tAOFPD
tAC,min + 2
2.5 x tCK(avg)
+ tAC,max + 1
ns
ODT to power down entry latency
tANPD
3
-
nCK
ODT power down exit latency
tAXPD
8
-
nCK
Mode register set command cycle time
tMRD
2
-
nCK
MRS command to ODT update delay
tMOD
0
12
ns
32
OCD drive mode output delay
tOIT
0
12
ns
32
Minimum time clocks remains ON after CKE
asynchronously drops LOW
tDelay
tIS +tCK(avg) +tIH
-
ns
15


Similar Part No. - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-AC NANYA-NT5TU64M8EE-AC Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACA NANYA-NT5TU64M8EE-ACA Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACH NANYA-NT5TU64M8EE-ACH Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACI NANYA-NT5TU64M8EE-ACI Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com