Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU64M8EE Datasheet(PDF) 65 Page - Nanya Technology Corporation.

Part # NT5TU64M8EE
Description  DDR2 512Mb SDRAM
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU64M8EE Datasheet(HTML) 65 Page - Nanya Technology Corporation.

Back Button NT5TU64M8EE Datasheet HTML 61Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 62Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 63Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 64Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 65Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 66Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 67Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 68Page - Nanya Technology Corporation. NT5TU64M8EE Datasheet HTML 69Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
65
Version 1.0
Nanya Technology Corp.©
09/2014
All Rights Reserved
Input/output capacitance
Parameter
Symbol
DDR2-800
DDR2-667
Units
Min
Max
Min
Max
Input capacitance, CK and
CK
CCK
1.0
2.0
1.0
2.0
pF
Input capacitance delta, CK and
CK
CDCK
x
0.25
x
0.25
pF
Input capacitance, all other input-only pins
CI
1.0
1.75
1.0
2.0
pF
Input capacitance delta, all other input-only pins
CDI
x
0.25
x
0.25
pF
Input/output capacitance, DQ, DM, DQS,
DQS
CIO
2.5
3.5
2.5
3.5
pF
Input/output capacitance delta, DQ, DM, DQS,
DQS
CDIO
x
0.5
x
0.5
pF
Refresh parameters
Parameter
Symbol
512Mb
Unit
Notes
Refresh to active/Refresh
command time
tRFC
105
ns
1
Average periodic
Refresh interval
tREFI
- 40℃≦Tcase≦85℃
7.8
μs
1
85℃≦Tcase≦95℃
3.9
1,2,3
NOTE 1 If refresh timing is violated, data corruption may occur and the data must be re-written with valid data
before a valid READ can be executed.
NOTE 2 This is an additional feature. For detailed information, please refer to “operating temperature condition”
chapter in this spec
NOTE 3 When TC exceeds 85°C, the DRAM must be refreshed externally at 2x refresh. It is required to set
tREFI=3.9μs in auto refresh mode and to set ‘1’ for EMRS (2) bit A7 in self refresh mode.


Similar Part No. - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-AC NANYA-NT5TU64M8EE-AC Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACA NANYA-NT5TU64M8EE-ACA Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACH NANYA-NT5TU64M8EE-ACH Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
NT5TU64M8EE-ACI NANYA-NT5TU64M8EE-ACI Datasheet
4Mb / 98P
   Commercial, Industrial and Automotive DDR2 512Mb SDRAM
More results

Similar Description - NT5TU64M8EE

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com