Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM8301C Datasheet(PDF) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # FM8301C
Description  Non-isolated step-down LED driver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

FM8301C Datasheet(HTML) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  FM8301C Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM8301C Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM8301C Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM8301C Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM8301C Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM8301C Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM8301C Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM8301C Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM8301C Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
FM8301(文件编号:S&CIC1605)
非隔离降压型 LED 驱动 IC
www.superchip.cn
3 页 共 9 页
Version 1.1
极限参数 (1)
符号
参数
参数范围
单位
HV
500V 芯片高压供电接口
-0.3
~500
V
DRAIN
内部高压功率管漏极到源极峰值电压
-0.3
~500
V
CS
电流采样端
-0.3
~8
V
IDMAX
漏极最大电流 @ TJ=100℃
S
A
B
C
D
mA
350
500
650
900
1100
PDMAX
功耗(注 2)
0.45
W
θJA
PN 结到环境的热阻
145
℃/W
TJ
工作结温范围
-40 to 150
TSTG
储存温度范围
-55 to 150
ESD (注 3)
1
KV
焊接温度(5 秒)
+265
1:最大极限值是指超出该工作范围,芯片有可能损坏。推荐工作范围是指在该范围内,器件功能正常,但并不完全保证满足个别性
能指标。电气参数定义了器件在工作范围内并且在保证特定性能指标的测试条件下的直流和交流电参数规范。对于未给定上
下限值的参数,该规范不予保证其精度,但其典型值合理反映了器件性能。
2:温度升高最大功耗一定会减小,这也是由 TJMAX, θJA,和环境温度 TA 所决定的。最大允许功耗为 PDMAX = (TJMAX - TA)/θJA 或是极限范
围给出的数字中比较低的那个值。
3:人体模型,100pF 电容通过 1.5KΩ 电阻放电。


Similar Part No. - FM8301C

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM830 FORMOSA-FM830 Datasheet
34Kb / 2P
   Silicon epitaxial planer type
FM830 FORMOSA-FM830 Datasheet
79Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM830-B FORMOSA-FM830-B Datasheet
69Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM830-B FORMOSA-FM830-B Datasheet
78Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM830-T FORMOSA-FM830-T Datasheet
78Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM8301C

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM8201 FUMAN-FM8201 Datasheet
362Kb / 8P
   Non-isolated step-down LED driver IC
FM8601 FUMAN-FM8601 Datasheet
339Kb / 7P
   Non-isolated step-down LED driver IC
FM70XX FUMAN-FM70XX Datasheet
178Kb / 9P
   Non-isolated step-down LED driver IC
FM9022SS FUMAN-FM9022SS Datasheet
431Kb / 8P
   Non-isolated step-down LED constant current driver IC
FM9032S FUMAN-FM9032S Datasheet
430Kb / 7P
   Non-isolated step-down LED constant current driver IC
FM8501 FUMAN-FM8501 Datasheet
426Kb / 8P
   Non-isolated step-down LED constant current driver IC
FM9129 FUMAN-FM9129 Datasheet
584Kb / 10P
   Non-isolated step-down LED constant current driver IC
logo
CHIPLINK SEMICONDUCTOR
CL1503S CHIPLINK-CL1503S Datasheet
341Kb / 9P
   Non-isolated step-down LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7150 HMSEMI-HM7150 Datasheet
598Kb / 7P
   Non-isolated step-down LED constant current driver
logo
CHIPLINK SEMICONDUCTOR
CL1503 CHIPLINK-CL1503 Datasheet
306Kb / 9P
   Non-isolated step-down LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com