Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM8301C Datasheet(PDF) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # FM8301C
Description  Non-isolated step-down LED driver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

FM8301C Datasheet(HTML) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  FM8301C Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM8301C Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM8301C Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM8301C Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM8301C Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM8301C Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM8301C Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM8301C Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM8301C Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
FM8301(文件编号:S&CIC1605)
非隔离降压型 LED 驱动 IC
www.superchip.cn
2 页 共 9 页
Version 1.1
典型应用电路
1:FM8301 典型应用电路
推荐工作范围
符号
参数
参数范围
单位
ILED
输出
LED 电流@
Vout=72V
S
A /AA
B
C
D /DD
mA
(输入电压 176V~
265V)
140
160
220
250
300
ILED
max
最大输出电流
S
A
B
C
D
mA
180
240
300
400
450
VLED
min
最小负载
LED 电压
S
A
B
C
D
V
>15
>30
>30
>30
>30


Similar Part No. - FM8301C

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM830 FORMOSA-FM830 Datasheet
34Kb / 2P
   Silicon epitaxial planer type
FM830 FORMOSA-FM830 Datasheet
79Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM830-B FORMOSA-FM830-B Datasheet
69Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM830-B FORMOSA-FM830-B Datasheet
78Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM830-T FORMOSA-FM830-T Datasheet
78Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM8301C

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM8201 FUMAN-FM8201 Datasheet
362Kb / 8P
   Non-isolated step-down LED driver IC
FM8601 FUMAN-FM8601 Datasheet
339Kb / 7P
   Non-isolated step-down LED driver IC
FM70XX FUMAN-FM70XX Datasheet
178Kb / 9P
   Non-isolated step-down LED driver IC
FM9022SS FUMAN-FM9022SS Datasheet
431Kb / 8P
   Non-isolated step-down LED constant current driver IC
FM9032S FUMAN-FM9032S Datasheet
430Kb / 7P
   Non-isolated step-down LED constant current driver IC
FM8501 FUMAN-FM8501 Datasheet
426Kb / 8P
   Non-isolated step-down LED constant current driver IC
FM9129 FUMAN-FM9129 Datasheet
584Kb / 10P
   Non-isolated step-down LED constant current driver IC
logo
CHIPLINK SEMICONDUCTOR
CL1503S CHIPLINK-CL1503S Datasheet
341Kb / 9P
   Non-isolated step-down LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7150 HMSEMI-HM7150 Datasheet
598Kb / 7P
   Non-isolated step-down LED constant current driver
logo
CHIPLINK SEMICONDUCTOR
CL1503 CHIPLINK-CL1503 Datasheet
306Kb / 9P
   Non-isolated step-down LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com