Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GU-SS-112DMCF1-5 Datasheet(PDF) 2 Page - GOOD SKY ELECTRIC CO., LTD.

Part # GU-SS-112DMCF1-5
Description  General Purpose Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOODSKY [GOOD SKY ELECTRIC CO., LTD.]
Direct Link  https://www.goodsky.com.tw/en/
Logo GOODSKY - GOOD SKY ELECTRIC CO., LTD.

GU-SS-112DMCF1-5 Datasheet(HTML) 2 Page - GOOD SKY ELECTRIC CO., LTD.

  GU-SS-112DMCF1-5 Datasheet HTML 1Page - GOOD SKY ELECTRIC CO., LTD. GU-SS-112DMCF1-5 Datasheet HTML 2Page - GOOD SKY ELECTRIC CO., LTD. GU-SS-112DMCF1-5 Datasheet HTML 3Page - GOOD SKY ELECTRIC CO., LTD. GU-SS-112DMCF1-5 Datasheet HTML 4Page - GOOD SKY ELECTRIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
V.01EZ
Model
Insulation System
Contact Form
Unclosed Relay
Flux Proofed Type
CLASSIFICATION
Coil Sensitivity
Nominal
Voltage (VDC)
Nominal
Current (mA)
Coil Resistance
(Ω±10%)
Power
Consumption
(W)
Pull-In Voltage
(VDC)
Drop-Out
Voltage (VDC)
Maximum
Allowable
Voltage (VDC)
COIL SPECIFICATION (AT 20°C)
5
6
9
12
15
18
24
36
48
110
185
150
93
77
59
47
36
25.8
19.4
8.5
27
40
97
155
255
380
660
1,390
2,480
13,000
Abt. 0.93
80%
Maximum
5%
Minimum
150%
(for short time
carrying current)
GU-D
ORDERING INFORMATION
GU - SS - 1 12 D M CF 1 - 5
Load rated(For GU-D Series only):
Terminal Type:
Nil: NO:30A/NC:20A.
1: NO:20A/NC:10A.
Insulation System:
Nil: Standard Class
CF: Class F
Contact Form:
Nil: One Form C
M: One Form A
B: One Form B
Coil Type:
D: Standard DC
Coil Voltage:
05: 5V, 06: 6V, 09: 9V, 12: 12V, 15: 15V,
18: 18V, 24: 24V, 36: 36V, 48: 48V, 110: 110V
Number of Pole:
1: One Pole
Type of Sealing:
Nil: RT 0 Unclosed
SS: RT II Flux Proofed
SH: RT III Wash Tight
Type:
GU
GU
Nil: Standard Class / CF: Class F
1C
GU-1
D(CF)(1)
GU-SS/SH-1
D(CF)(1)
1A
GU-1
DM(CF)
GU-SS/SH-1
DM(CF)
1B
GU-1
DB(CF)
GU-SS/SH-1
DB(CF)
Nil: 2 Common
5: 1 Common
www.goodsky.com.tw 99
GU


Similar Part No. - GU-SS-112DMCF1-5

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
GU-302GG YIC-GU-302GG Datasheet
975Kb / 14P
GPS & GLONASS Receiver (G-Mouse)
GU-502GG YIC-GU-502GG Datasheet
978Kb / 14P
GPS & GLONASS Receiver (G-Mouse)
GU-502GGB YIC-GU-502GGB Datasheet
960Kb / 15P
Multi-Constellation GNSS Receiver (G-Mouse)
2023/3/10 1.0
GU-502MGGB YIC-GU-502MGGB Datasheet
960Kb / 15P
Multi-Constellation GNSS Receiver (G-Mouse)
2023/3/10 1.0
GU-503GG YIC-GU-503GG Datasheet
337Kb / 11P
GPS & GLONASS Receiver (G-Mouse)
More results

Similar Description - GU-SS-112DMCF1-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
General Purpose Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com