Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GU-SS-112DMCF1-5 Datasheet(PDF) 1 Page - GOOD SKY ELECTRIC CO., LTD.

Part # GU-SS-112DMCF1-5
Description  General Purpose Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOODSKY [GOOD SKY ELECTRIC CO., LTD.]
Direct Link  https://www.goodsky.com.tw/en/
Logo GOODSKY - GOOD SKY ELECTRIC CO., LTD.

GU-SS-112DMCF1-5 Datasheet(HTML) 1 Page - GOOD SKY ELECTRIC CO., LTD.

  GU-SS-112DMCF1-5 Datasheet HTML 1Page - GOOD SKY ELECTRIC CO., LTD. GU-SS-112DMCF1-5 Datasheet HTML 2Page - GOOD SKY ELECTRIC CO., LTD. GU-SS-112DMCF1-5 Datasheet HTML 3Page - GOOD SKY ELECTRIC CO., LTD. GU-SS-112DMCF1-5 Datasheet HTML 4Page - GOOD SKY ELECTRIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CONTACT RATING
30A 120VAC
30A 240VAC
30A 30VDC
-
TV-8 120VAC
1-1/2HP 240VAC
-
30A
AC 240V
30A
7,200VA
900W
Ag Alloy
SPST
Load Type
Rated Load (Resistive)
Rated Carrying Current
Max. Allowable Voltage
Max. Allowable Current
Max. Allowable Power
Force
Contact Material
Contact Form
NO
NC
Contact Capacity
GU (DM)
10A 240VAC
10A 30VDC
-
-
-
-
1/2HP 240VAC
10A
AC 240V
10A
2,400VA
300W
Ag Alloy
SPST
GU (DB)
NC: 20A 240VAC
10A 30VDC
NO: 30A 240VAC
20A 30VDC
TV-8 120VAC
1-1/2HP 240VAC
1/2HP 240VAC
30A
AC 240V
30A
7,200VA
600W
Ag Alloy
SPDT
GU (D)
NC: 10A 240VAC
10A 30VDC
NO: 20A 240VAC
20A 30VDC
TV-8 120VAC
1-1/2HP 240VAC
1/2HP 240VAC
20A
AC 240V
20A
4,800VA
600W
Ag Alloy
SPDT
GU (D1)
SAFETY STANDARD & FILE NUMBER
APPLICATION
PERFORMANCE (AT INITIAL VALUE)
Domestic Appliances, Heating, Ventilating and
Conditioning System, Car Control Switching Box,
General Power Switching Applications.
1. Single contact Form (SPST) series Relay
offers switching capacity 30A in small size.
2. Dust cover, sealed & unclosed cover types
are available.
3. UL Class F insulation available.
4. Halogen Free series available.
5. Comply with RoHS and REACH regulations.
MAIN FEATURE
Contact Resistance ..............100m Max.@1A,6VDC
Operate Time........................15 mSec. Max.
Release Time .......................10 mSec. Max.
Dielectric Strength:
Between Coil & Contact.......1,500VAC at 50/60 Hz
for one minute
Between Contacts ................1,500VAC at 50/60 Hz
for one minute
Insulation Resistance...........100 Mega Min. at
500VDC
Max. On/Off Switching:
Electrical ...............................6 Cycles per Minute
Mechanical............................300 Cycles per Minute
Temperature Range ........ -25 +55°C
Humidity Range ............... 45 85% RH.
Coil Temperature Rise .... 60°C Max.
Vibration:
Shock:
Life Expectancy:
Mechanical ...................... 107 Operations at No
Load condition
Electrical .......................... 105 Operations at
Resistive Load
Weight ............................. Flow Solder Type: 27.2g
Open Type: 21.6g
UL & C-UL ....................... E141060
......................
......................
...................... 1,000 m/S
...................... 50 m/S2
2
Destruction
10 to 55 to 10 Hz,0.75 mm single
amplitude (1.5mm double amplitude)
10 to 55 to 10 Hz,0.75 mm single
amplitude (1.5mm double amplitude)
Malfunction
Destruction
Malfunction
98
GU


Similar Part No. - GU-SS-112DMCF1-5

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
GU-302GG YIC-GU-302GG Datasheet
975Kb / 14P
GPS & GLONASS Receiver (G-Mouse)
GU-502GG YIC-GU-502GG Datasheet
978Kb / 14P
GPS & GLONASS Receiver (G-Mouse)
GU-502GGB YIC-GU-502GGB Datasheet
960Kb / 15P
Multi-Constellation GNSS Receiver (G-Mouse)
2023/3/10 1.0
GU-502MGGB YIC-GU-502MGGB Datasheet
960Kb / 15P
Multi-Constellation GNSS Receiver (G-Mouse)
2023/3/10 1.0
GU-503GG YIC-GU-503GG Datasheet
337Kb / 11P
GPS & GLONASS Receiver (G-Mouse)
More results

Similar Description - GU-SS-112DMCF1-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
General Purpose Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com