Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GU-SS-112DMCF1-5 Datasheet(PDF) 3 Page - GOOD SKY ELECTRIC CO., LTD.

Part # GU-SS-112DMCF1-5
Description  General Purpose Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOODSKY [GOOD SKY ELECTRIC CO., LTD.]
Direct Link  https://www.goodsky.com.tw/en/
Logo GOODSKY - GOOD SKY ELECTRIC CO., LTD.

GU-SS-112DMCF1-5 Datasheet(HTML) 3 Page - GOOD SKY ELECTRIC CO., LTD.

  GU-SS-112DMCF1-5 Datasheet HTML 1Page - GOOD SKY ELECTRIC CO., LTD. GU-SS-112DMCF1-5 Datasheet HTML 2Page - GOOD SKY ELECTRIC CO., LTD. GU-SS-112DMCF1-5 Datasheet HTML 3Page - GOOD SKY ELECTRIC CO., LTD. GU-SS-112DMCF1-5 Datasheet HTML 4Page - GOOD SKY ELECTRIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIMENSION ( ≤ 5mm ± 0.2mm, > 5mm ± 0.3mm, the tolerance of PCB thru hole: +0.1mm)
GU-D : 2 Common terminals : 6 PIN
GU-D : 1 Common terminal : 5 PIN
GU-DM : 2 Common terminals : 5 PIN
GU-DM : 1 Common terminal : 4 PIN
27.5
17.8
10.2
1.2
4.8
1.4
32. 1
15.2
2.54
0.8
0.8
Ø0.7
7.6
2.5
15.2
7.6
2.5
3-Ø2.1
2.54
2-Ø1.1
27.5
17.8
10.2
8.9
1.2
1.2
4.8
1.4
32. 1
15.2
15.2
2.54
0.8
1.2
Ø0.7
15.2
15.2
2.54
2-Ø1.1
3- Ø2.1
27.5
17.8
10.2
1.2
4.8
1.4
32. 1
15.2
2.54
0.8
Ø0.7
15.2
2.54
2-Ø1.1
2- Ø2.1
1.2
1.2
10.1
1.2
10.1
27.5
17.8
10.2
8.9
1.2
1.2
4.8
1.4
32. 1
15.2
15.2
2.54
0.8
0.8
1.2
Ø0.7
7.6
2.5
15.2
7.6
2.5
4-Ø2.1
15.2
2.54
2-Ø1.1
1.2
P.C.B Layout
Bottom View
P.C.B Layout
Bottom View
P.C.B Layout
Bottom View
P.C.B Layout
Bottom View
Bottom View
Bottom View
Bottom View
Bottom View
100
GU


Similar Part No. - GU-SS-112DMCF1-5

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
GU-302GG YIC-GU-302GG Datasheet
975Kb / 14P
GPS & GLONASS Receiver (G-Mouse)
GU-502GG YIC-GU-502GG Datasheet
978Kb / 14P
GPS & GLONASS Receiver (G-Mouse)
GU-502GGB YIC-GU-502GGB Datasheet
960Kb / 15P
Multi-Constellation GNSS Receiver (G-Mouse)
2023/3/10 1.0
GU-502MGGB YIC-GU-502MGGB Datasheet
960Kb / 15P
Multi-Constellation GNSS Receiver (G-Mouse)
2023/3/10 1.0
GU-503GG YIC-GU-503GG Datasheet
337Kb / 11P
GPS & GLONASS Receiver (G-Mouse)
More results

Similar Description - GU-SS-112DMCF1-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
General Purpose Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com