Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM358 Datasheet(PDF) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # LM358
Description  Dual operational amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

LM358 Datasheet(HTML) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  LM358 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. LM358 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. LM358 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
LM358(文件编号:S&CIC0727)
双运算放大器
第 2 页 共 3 页
五、
电参数特性
参数
符号
测试条件
最小值
典型值
最大值
单位
输入偏置电压
VIO
VCM=0~Vcc-1.5
VO(P)=1.4V,Rs=0
3.0
7.0
mV
输入偏置电流
IIO
2
50
nA
输入偏压电流
Ib
20
250
nA
输入普通型电压变率
VI(R)
Vcc=30V
0
Vcc-1.5
V
电源
ICC
RL=∞,Vcc=30V
Vcc=5V
0.8
2.0
mA
0.5
1.2
mA
单一电压增益
GV
Vcc=15V,RI>2KΩ
VO(P)=1V~11V
25
100
V/mV
输出电压变率
V(OH)
Vcc=30V,RL=2KΩ
26
V
Vcc=30V,RL=10KΩ
27
28
V
V(OL)
Vcc=5V,RL=10KΩ
5
20
mV
共态抑制比
CMRR
65
80
dB
功率抑制比
PSRR
65
100
dB
信道间距
CS
f=1KHz~20KHz
5
20
mV
接地短路
ISC
40
60
mA
输出电流
Isource
VI(+)=1V,VI(-)=0
Vcc=15V,Vo(p)=2V
20
40
mA
Isink
VI(+)=0,VI(-)=1V
Vcc=15V,Vo(p)=2V
10
20
mA
VI(+)=1V,VI(-)=0
Vcc=15V,Vo(p)=200V
12
50
uA
差动输入电压
Vin(diff)
Vcc
V


Similar Part No. - LM358

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
Guangdong Kexin Industr...
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
   Single Supply Dual Operational Amplifiers
logo
Intersil Corporation
LM358 INTERSIL-LM358 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
STMicroelectronics
LM358 STMICROELECTRONICS-LM358 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
Rev 3 July 2005
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
More results

Similar Description - LM358

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com