Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCPLP Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # CCPLP
Description  Low Profile Compact Circuit Protector (CCPLP)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CCPLP Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  CCPLP Datasheet HTML 1Page - Eaton All Rights Reserved. CCPLP Datasheet HTML 2Page - Eaton All Rights Reserved. CCPLP Datasheet HTML 3Page - Eaton All Rights Reserved. CCPLP Datasheet HTML 4Page - Eaton All Rights Reserved. CCPLP Datasheet HTML 5Page - Eaton All Rights Reserved. CCPLP Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Technical Data 10372
Effective December 2015
Low Profile Compact Circuit Protector (CCPLP)
UL Class G, CC, midget and IEC 10x38mm fused disconnect switches
Eaton.com/bussmannseries
Catalog numbers:
Class G fuses
Catalog number
Poles
Volts AC
Amps
SCCR (kA)
Screw terminal
Pressure plate terminal
CCPLP-1-20G-S
CCPLP-1-20G-P
1
600
20
100
CCPLP-2-20G-S
CCPLP-2-20G-P
2
600
20
100
CCPLP-3-20G-S
CCPLP-3-20G-P
3
600
20
100
Agency information: UL 98 Listed, File E302370, Guide WHTY, IEC 60947-3 AC-23A, CE, RoHS compliant .
Class CC fuses
Catalog number
Poles
Volts
AC
Max
amps
SCCR
(kA)
Horsepower rating (Vac)
Screw terminal
Pressure plate terminal
120
240
480
600
CCPLP-1-30CC-S
CCPLP-1-30CC-P
1
600
30
200
0 .5
CCPLP-2-30CC-S
CCPLP-2-30CC-P
2
600
30
200
2
CCPLP-3-30CC-S
CCPLP-3-30CC-P
3
600
30
200
3
4
7.5
Agency information: UL 98 Listed, File E302370, Guide WHTY, cULus to CSA Standard 22 .2 No . 4-04, File E302370, Guide WHTY7, IEC 60947-3 AC-23A, CE, RoHS
compliant .
13/32”x1-1/2” UL midget fuses
Catalog number
Poles
Volts AC
Max amps
SCCR (kA)
Screw terminal
Pressure plate terminal
CCPLP-1-30M-S
CCPLP-1-30M-P
1
240
30
10
CCPLP-2-30M-S
CCPLP-2-30M-P
2
240
30
10
CCPLP-3-30M-S
CCPLP-3-30M-P
3
240
30
10
Agency information: UL 508 Listed, File E320230, Guide NRNT, cULus Listed to CSA 22 .2 No . 14-05, File E320230, Guide NRNT7, IEC 60947-3 AC-23A, CE, RoHS
compliant .
10x38 IEC Class gG and aM fuses
Catalog number
Poles
Fuse class
Volts AC
(amp range)
SCCR (kA)
Screw terminal
Pressure plate terminal
CCPLP-1-30M-S
CCPLP-1-30M-P
1
gG
500 (0-25) / 400 (32)
120
aM
550 (0-16) / 400 (20-32)
120
CCPLP-2-30M-S
CCPLP-2-30M-P
2
gG
500 (0-25) / 400 (32)
120
aM
550 (0-16) / 400 (20-32)
120
CCPLP-3-30M-S
CCPLP-3-30M-P
3
gG
500 (0-25) / 400 (32)
120
aM
550 (0-16) / 400 (20-32)
120
Agency information: UL 508 Listed, File E320230, Guide NRNT, cULus Listed to CSA 22 .2 No . 14-05, File E320230, Guide NRNT7, IEC 60947-3 AC-23A, CE, RoHS
compliant .
The CCPLP has the smallest footprint of any UL 98 Listed fused
disconnect switch along with up to a 200kA SCCR to help
improve equipment SCCR .
Built-in switch handle / fuse access door interlock prohibits
removing the fuse under load .


Similar Part No. - CCPLP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CCPLP-1-20G-P COOPER-CCPLP-1-20G-P Datasheet
719Kb / 6P
Low Profile Compact Circuit Protector (CCPLP)
CCPLP-1-20G-S COOPER-CCPLP-1-20G-S Datasheet
719Kb / 6P
Low Profile Compact Circuit Protector (CCPLP)
CCPLP-1-30CC-P COOPER-CCPLP-1-30CC-P Datasheet
719Kb / 6P
Low Profile Compact Circuit Protector (CCPLP)
CCPLP-1-30CC-S COOPER-CCPLP-1-30CC-S Datasheet
719Kb / 6P
Low Profile Compact Circuit Protector (CCPLP)
CCPLP-1-30M-P COOPER-CCPLP-1-30M-P Datasheet
719Kb / 6P
Low Profile Compact Circuit Protector (CCPLP)
More results

Similar Description - CCPLP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
Circuit Protector Elements
UN10004 PANASONIC-UN10004 Datasheet
27Kb / 1P
Circuit Protector Elements
UNH0003 PANASONIC-UNH0003 Datasheet
46Kb / 2P
Circuit Protector Elements
logo
Cooper Bussmann, Inc.
CCPB-1-15CF COOPER-CCPB-1-15CF Datasheet
270Kb / 3P
Compact Circuit Protector Base
CCP-1-30CC COOPER-CCP-1-30CC Datasheet
2Mb / 12P
Compact Circuit Protector DIN-Rail fused disconnect switches
CCPLP-1-20G-S COOPER-CCPLP-1-20G-S Datasheet
719Kb / 6P
Low Profile Compact Circuit Protector (CCPLP)
CCPB-1-15CF COOPER-CCPB-1-15CF_16 Datasheet
1Mb / 6P
CUBEFuseTM Compact Circuit Protector Base (CCPB)
logo
List of Unclassifed Man...
CCPB-1-15CF ETC1-CCPB-1-15CF Datasheet
1Mb / 6P
CUBEFuse Compact Circuit Protector Base (CCPB)
logo
Eaton All Rights Reserv...
CCP2B EATON-CCP2B Datasheet
1Mb / 6P
CUBEFuse??Compact Circuit Protector Base
CCP EATON-CCP Datasheet
2Mb / 12P
Compact Circuit Protector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com