Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOS-600 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # NOS-600
Description  250 V NON/600 V NOS Class K5 and H fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

NOS-600 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  NOS-600 Datasheet HTML 1Page - Eaton All Rights Reserved. NOS-600 Datasheet HTML 2Page - Eaton All Rights Reserved. NOS-600 Datasheet HTML 3Page - Eaton All Rights Reserved. NOS-600 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data 1030
Effective June 2017
250 V NON/600 V NOS Class K5 and H fuses
Eaton.com/bussmannseries
Description
Basic protection 600 V NOS Class K5 and H general purpose, non-
current-limiting, one-time fuses.
Catalog symbol
NOS-(amp)
Ratings
Volts 600 Vac
Amps 1-600 A
IR
50 kA Vac RMS Sym. (1-60 A)
10 kA Vac RMS Sym. (70-600 A)
Agency information
UL Listed, Class K5 (1-60 A), Std. 248-9, Class H (70-600 A),
Std. 248-6, UL Guide JDDZ, File E4273
CSA Certified, Class 1421-01, File 53787
CE
Catalog Numbers (amps)
NOS-1
NOS-9
NOS-40
NOS-100
NOS-300
NOS-2
NOS-10
NOS-45
NOS-110
NOS-350
NOS-3
NOS-12
NOS-50
NOS-125
NOS-400
NOS-4
NOS-15
NOS-60
NOS-150
NOS-450
NOS-5
NOS-20
NOS-70
NOS-175
NOS-500
NOS-6
NOS-25
NOS-75
NOS-200
NOS-600
NOS-7
NOS-30
NOS-80
NOS-225
NOS-8
NOS-35
NOS-90
NOS-250
Carton Quantity
Amps
Qty.
1–60
10
70–100
5
110–600
1
Dimensions – in
Features
Protect lighting, heating and other circuits not subject to
temporary surges and where available short-circuit currents are
relatively low
NOS one-time fuses do not have any appreciable degree of
timedelay and thus should not be specified in circuits where
large transients or motor overloads occur. Use Bussmann series
advanced protection FUSETRON FRS-R or ultimate protection
Low-Peak LPS-RK dual-element, time-delay fuses.
For general purpose circuits, size at amp rating of circuit
For motor circuits, size at 300% to 400% according to the NEC®
motor ampacity tables 430.247 to 430.250, per 430.6(A)(1)
Recommended fuse blocks
1-, 2- and 3-pole modular fuse blocks up to 600 amps — see data
sheet no. 10487
1-, 2- and 3-pole modular power distribution fuse blocks up to 60
amps — see data sheet no. 10490
Fuse reducers for Class R fuses
Equipment fuse
clips
Desired fuse
(case) size
Catalog no. (pairs) 600V
60 A
30 A
NO.663
100 A
30 A
NO.216
60 A
NO.616
200 A
60 A
NO.626
100 A
NO.2621
400 A
100 A
NO.2641
200 A
NO.2642
600 A
100 A
NO.2661
200 A
NO.2662
400 A
NO.2664
† Not CSA certified.
For additional information on Class R fuse reducers, see data sheet
no 1118.
0.81" (± 0.008)
5" (± 0.031)
1.06" (± 0.008)
5.5" (± 0.031)
1 to 30A
35 to 60A
1.34"
7.9" (± 0.062)
70 to 100A
3.13"
13.38" ( 0.094)
450 to 600A
2.59"
11.63" (± 0.094)
225 to 400A
1.84"
9.63" (± 0.062)
110 to 200A
All Diameters ± 0.008


Similar Part No. - NOS-600

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
NOS-600 COOPER-NOS-600 Datasheet
279Kb / 4P
NON/NOS, 600/250Vac Class K5 H
More results

Similar Description - NOS-600

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
NOS-110 COOPER-NOS-110 Datasheet
279Kb / 4P
NON/NOS, 600/250Vac Class K5 H
logo
Littelfuse
NLN LITTELFUSE-NLN Datasheet
465Kb / 2P
NLN/NLS Class K5 Fuses
logo
Eaton All Rights Reserv...
UHA EATON-UHA Datasheet
1Mb / 5P
250 V and 600 V cable limiters
logo
Cooper Bussmann, Inc.
HM25060-1MW12 COOPER-HM25060-1MW12 Datasheet
5Mb / 11P
Up to 60 A Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
Class H/K5 and R Fuse Blocks
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
logo
Cooper Bussmann, Inc.
RM25060-1MW12 COOPER-RM25060-1MW12 Datasheet
5Mb / 11P
Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
logo
Littelfuse
NLN LITTELFUSE-NLN_V01 Datasheet
206Kb / 2P
CLASS K5 ??NLN/NLS SERIES (ONE-TIME) FUSES
Rev: 022822
NLN LITTELFUSE-NLN_12 Datasheet
314Kb / 1P
Class K5 ??NLN/NLS Series (one-time) fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com