Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOS-600 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # NOS-600
Description  250 V NON/600 V NOS Class K5 and H fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

NOS-600 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  NOS-600 Datasheet HTML 1Page - Eaton All Rights Reserved. NOS-600 Datasheet HTML 2Page - Eaton All Rights Reserved. NOS-600 Datasheet HTML 3Page - Eaton All Rights Reserved. NOS-600 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 1030
Effective June 2017
250 V NON/600 V NOS Class K5 and H fuses
Eaton.com/bussmannseries
Recommended fuse blocks
1-, 2- and 3-pole modular fuse blocks up to 600 amps — see data
sheet no. 10487
1-, 2- and 3-pole modular power distribution fuse blocks up to 60
amps — see data sheet no. 10490
Fuse reducers for Class R fuses
Equipment fuse clips
Desired fuse (case)
size
Catalog no. (pairs)
250V
60 A
30 A
NO.263
100 A
30 A
NO.213
60 A
NO.216
200 A
60 A
NO.226
100 A
NO.2621
400 A
100 A
NO.2641
200 A
NO.2642
600 A
100 A
NO.2661
200 A
NO.2662
400 A
NO.2664
† Not CSA certified.
For additional information on Class K5 & H fuse reducers, see data
sheet no. 1118.
NON time-current curves — average melt
300
100
10
1
0.1
0.01
CURRENT IN AMPS
AMP RATING


Similar Part No. - NOS-600

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
NOS-600 COOPER-NOS-600 Datasheet
279Kb / 4P
NON/NOS, 600/250Vac Class K5 H
More results

Similar Description - NOS-600

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
NOS-110 COOPER-NOS-110 Datasheet
279Kb / 4P
NON/NOS, 600/250Vac Class K5 H
logo
Littelfuse
NLN LITTELFUSE-NLN Datasheet
465Kb / 2P
NLN/NLS Class K5 Fuses
logo
Eaton All Rights Reserv...
UHA EATON-UHA Datasheet
1Mb / 5P
250 V and 600 V cable limiters
logo
Cooper Bussmann, Inc.
HM25060-1MW12 COOPER-HM25060-1MW12 Datasheet
5Mb / 11P
Up to 60 A Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
Class H/K5 and R Fuse Blocks
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
logo
Cooper Bussmann, Inc.
RM25060-1MW12 COOPER-RM25060-1MW12 Datasheet
5Mb / 11P
Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
logo
Littelfuse
NLN LITTELFUSE-NLN_V01 Datasheet
206Kb / 2P
CLASS K5 ??NLN/NLS SERIES (ONE-TIME) FUSES
Rev: 022822
NLN LITTELFUSE-NLN_12 Datasheet
314Kb / 1P
Class K5 ??NLN/NLS Series (one-time) fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com