Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDC10 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # TDC10
Description  (TDC10) fast-acting (TDC11) time delay glass tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

TDC10 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  TDC10 Datasheet HTML 1Page - Eaton All Rights Reserved. TDC10 Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2602
Effective June 2017
Supersedes March 2013
Product features
TDC10 and TDC11
1/4" x 1 1/4" (TDC10) fast-acting (TDC11) time delay
glass tube fuses
TDC10 fast-acting
TDC11 time-delay
Lead free and RoHS compliant
1⁄4" x 1 1⁄4" physical size
Glass tube, electroplated brass endcap
construction
Interrupting rating equals 10 times rated current
TDC10 Series designed to British Standard
BS2950A
Pb
Specify part number and product code prefix,
e.g.: BK/TDC10-20-R
Ordering information
31.8
6.35
Dimensions-mm
DrawingNottoScale
FAST -A CTING TDC10 SPECIFICATIONS
Part
Voltage Rating
Interrupting Rating (amps @ rated voltage) *
Number
Amps
(Vac)
1000V
750V
500V
350V
250V
150V
100V
32V
TDC10-50-R
50mA
1000
500mA
TDC10-60-R
60mA
1000
600mA
TDC10-100-R
100mA
1000
1
TDC10-150-R
150mA
1000
1.5
TDC10-250-R
250mA
1000
2.5
TDC10-500-R
500mA
750
5
TDC10-750-R
750mA
500
7.5
TDC10-1-R
1
350
10
TDC10-1.5-R
1.5
250
15
TDC10-2-R
2
250
20
TDC10-3-R
3
250
30
TDC10-5-R
5
250
50
TDC10-7-R
7
150
70
TDC10-10-R
10
100
100
TDC10-12-R
12
32
120
TDC10-15-R
15
32
150
TDC10-20-R
20
32
200
TDC10-25-R
25
32
250
* Interrupting Rating: Interrupting rating is 10 times the rated current.
** DC Cold Resistance (Measured at <10% of rated current)
Packaging Code
Packaging
x
Description
BK
100 fuses packed into a cardboard carton
BK1
1000 fuses packed into a cardboard carton


Similar Part No. - TDC10

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TDC10-1.5A COOPER-TDC10-1.5A Datasheet
69Kb / 2P
TDC Series, Glass Tube
TDC10-100MA COOPER-TDC10-100MA Datasheet
69Kb / 2P
TDC Series, Glass Tube
TDC10-10A COOPER-TDC10-10A Datasheet
69Kb / 2P
TDC Series, Glass Tube
TDC10-12A COOPER-TDC10-12A Datasheet
69Kb / 2P
TDC Series, Glass Tube
TDC10-150MA COOPER-TDC10-150MA Datasheet
69Kb / 2P
TDC Series, Glass Tube
More results

Similar Description - TDC10

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
AGW-212 COOPER-AGW-212 Datasheet
241Kb / 2P
Fast-Acting 1??? x 7??? Glass Tube Fuses
GMC-600-R COOPER-GMC-600-R Datasheet
275Kb / 2P
5 x 20mm Medium Time-Delay Glass Tube Fuses
GMA-63-R COOPER-GMA-63-R Datasheet
299Kb / 2P
5 x 20mm Fast-acting Glass Tube Fuses
BK-MDL-3 COOPER-BK-MDL-3 Datasheet
267Kb / 2P
Time-Delay, Glass Tube Fuses
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
Automotive Glass Fuses Fast-Acting Fast-Acting
GMA-1A COOPER-GMA-1A Datasheet
299Kb / 2P
5 x 20mm Fast-acting Glass Tube Fuses
C518-100-R COOPER-C518-100-R Datasheet
234Kb / 2P
5 x 15mm Fast-Acting Glass Tube Fuses
C519-125-R COOPER-C519-125-R Datasheet
293Kb / 2P
5 x 15mm Time-Delay Glass Tube Fuses
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
Time-delay ceramic tube fuses
AGA EATON-AGA Datasheet
517Kb / 2P
1/4x5/8 Fast-acting glass tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com