Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR9701S6G Datasheet(PDF) 8 Page - Fitipower Integrated Technology Inc.

Part # FR9701S6G
Description  23V, 2A, 600KHz Asynchronous Synchronous Step-Down DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9701S6G Datasheet(HTML) 8 Page - Fitipower Integrated Technology Inc.

Back Button FR9701S6G Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9701S6G Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9701S6G Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9701S6G Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9701S6G Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9701S6G Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9701S6G Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9701S6G Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FR9701S6G Datasheet HTML 12Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FR9701-1.1-FEB-2012
FR9701
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
VIN = 12V, VOUT = 3.3V, C1 = 10μF, C2 = 47μF, L1 = 4.7μH, TA = +25°C, unless otherwise noted.
IOUT=100mA to 2A step
Figure 16. Load Transient Waveform
VOUT
,,
200mV/div.
IL 1A/div.
400
μs/div.


Similar Part No. - FR9701S6G

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FR9702 FITIPOWER-FR9702 Datasheet
753Kb / 14P
   23V, 1.8A, 1.4MHz Asynchronous Step-Down DC/DC Converter
FR9702S6G FITIPOWER-FR9702S6G Datasheet
753Kb / 14P
   23V, 1.8A, 1.4MHz Asynchronous Step-Down DC/DC Converter
FR9702S9G FITIPOWER-FR9702S9G Datasheet
753Kb / 14P
   23V, 1.8A, 1.4MHz Asynchronous Step-Down DC/DC Converter
FR97063 FITIPOWER-FR97063 Datasheet
722Kb / 10P
   23V, 1.2A, 600KHz Asynchronous Step-Down DC/DC Converter
FR97063A FITIPOWER-FR97063A Datasheet
831Kb / 12P
   23V, 2A, 600KHz Asynchronous Step-Down DC/DC Converter
More results

Similar Description - FR9701S6G

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FR97063A FITIPOWER-FR97063A Datasheet
831Kb / 12P
   23V, 2A, 600KHz Asynchronous Step-Down DC/DC Converter
FR97063 FITIPOWER-FR97063 Datasheet
722Kb / 10P
   23V, 1.2A, 600KHz Asynchronous Step-Down DC/DC Converter
FR9761 FITIPOWER-FR9761 Datasheet
743Kb / 12P
   23V, 2A, 1.4MHz Asynchronous Step-Down DC/DC Converter
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
   23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
logo
SHOUDING Shouding Semic...
SD8910 SHOUDING-SD8910 Datasheet
2Mb / 14P
   2A , 21V 600KHz Synchronous Step-Down DC/DC Converter
logo
Fitipower Integrated Te...
FR9801 FITIPOWER-FR9801 Datasheet
1Mb / 14P
   21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
FR9886D FITIPOWER-FR9886D Datasheet
1Mb / 15P
   23V, 2A/2.5A, 340KHz Synchronous Step-Down DC/DC Converter
FR9723 FITIPOWER-FR9723 Datasheet
504Kb / 9P
   23V, 3A, 380KHz Asynchronous Step-Down DC/DC Converter
FR9702 FITIPOWER-FR9702 Datasheet
753Kb / 14P
   23V, 1.8A, 1.4MHz Asynchronous Step-Down DC/DC Converter
logo
Fairchild Semiconductor
FAN8303 FAIRCHILD-FAN8303 Datasheet
636Kb / 12P
   2A 23V Non-Synchronous Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com