Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP6711 Datasheet(PDF) 12 Page - Fitipower Integrated Technology Inc.

Part # FP6711
Description  High-Efficiency, 1-Cell and 2-Cell Boost Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6711 Datasheet(HTML) 12 Page - Fitipower Integrated Technology Inc.

Back Button FP6711 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 13Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
FP6711-1.4-DEC-2011
FP6711
85T
fitipower integrated technology lnc.
Application Information (Continued)
(5) Compensation of the Control Loop
An R/C network must be connected to the COMP
pin in order to stabilize the control loop of the
converter.
Both the pole generated by the
inductor L1 and the zero caused by the ESR and
capacitance of the output capacitor must be
compensated.
The network shown in Figure 24
satisfies these requirements.
VOUT
ERROR
AMP
8
CC
Rc
9
R4
R3
0.5V
Figure 24. Compensation of Control Loop
Resistor RC and capacitor CC depend on the
chosen inductance.
The equation for the loop
dynamics is shown as below :
fZER01 =
HZ
2 x
π
x CC
1
x Rc
The FP6711 uses current mode control with
internal adaptive slope compensation.
Current
mode control eliminates the 2
nd order filter due to
the inductor and output capacitor exhibited in
voltage mode controllers and simplifies it to a
single-pole filter response.
Thermal Information
The maximum junction temperature (TJ) of the
FP6711 devices is recommended to 125°C.
The
thermal resistance of the 10-pin MSOP package is
JA=160°C/W.
Specified regulator operations are
assured to a maximum ambient temperature (TA) of
70°C.
Therefore, the maximum power dissipation
is about 340mW.
More power can be dissipated if
the
maximum
ambient
temperature
of
the
application is lower.
mW
40
3
C/W
160
C
70
-
C
125
T
-
T
P
JA
A
J(MAX)
D(MAX)
Layout Considerations
As for all switching power supplies, the layout is an
important step in the design, especially at high peak
currents and high switching frequencies.
If the
layout is not carefully done, the regulator could
show stability problems as well as EMI problems.
Therefore, use wide and short traces for the main
current path as indicated in bold in Figure 25.
The
input capacitor, output capacitor and the inductor
should be placed as close to the IC as possible.
Use a common ground node as shown in Figure 25
to minimize the effects of ground noise.
The
compensation circuit and the feedback divider
should be placed as close to the IC as possible.
To
layout the control ground, it is recommended to use
short traces as well, separated from the power
ground traces.
Connect both grounds close to the
ground pin of the IC as indicated in the layout
diagram in Figure25.
This avoids ground shift
problems, which can occur due to superimposition
of power ground current and control ground current.
C4
OUTPUT
ADEN
LBI
VBAT
FP6711
EN
COMP
FB
LBO
VOUT
GND
SW
R1
R2
L1
R5
C1
CC
RC
R3
R4
Battery
LBO
Figure 25. Layout Diagram


Similar Part No. - FP6711

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP6712 APITECH-FP6712 Datasheet
103Kb / 1P
   RF AMPLIFIER MODEL
FP6719 APITECH-FP6719 Datasheet
73Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - FP6711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61010 TI1-TPS61010_13 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI-TPS61010 Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI-TPS61010_15 Datasheet
989Kb / 36P
[Old version datasheet]   TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
logo
Linear Technology
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Texas Instruments
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Linear Technology
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com