Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP6711 Datasheet(PDF) 11 Page - Fitipower Integrated Technology Inc.

Part # FP6711
Description  High-Efficiency, 1-Cell and 2-Cell Boost Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6711 Datasheet(HTML) 11 Page - Fitipower Integrated Technology Inc.

Back Button FP6711 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 13Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FP6711-1.4-DEC-2011
FP6711
85T
fitipower integrated technology lnc.
Application Information (Continued)
(2
) Programming the Low Battery Comparator
Threshold Voltage
The current through the resistive divider should
be about 100 times greater than the current into
the LBI pin.
The typical current into the LBI pin
is 0.01µ A; the voltage across R2 is equal to the
reference voltage that is generated on-chip,
which has a value of 500mV±15mV.
The
recommended value for R2 is therefore in the
range of 500 kΩ.
From that, the value of
resistor R1, depending on the desired minimum
battery voltage VBAT, can be calculated using
Equation 2.
1)
-
mV
500
V
(
500k
)
1
-
V
V
(
R2
R1
BAT
REF
BAT
…..(2)
For example, if the low-battery detection circuit
should flag an error condition on the LBO output
pin at a battery voltage of 1V, a resistor in the
range of 500kΩ should be chosen for R1. The
output of the low battery comparator is a simple
open-drain output that goes active low if the
battery voltage drops below the programmed
threshold voltage on LBI.
The output requires a
pull-up resistor with a recommended value of
1MΩ, and should only be pulled up to the V
O.
If
not used, the LBO pin can be left floating or tied
to GND.
(3) Inductor Selection
A boost converter normally requires two main
passive components for storing energy during
the conversion.
A boost inductor is required and
a storage capacitor at the output.
To select the
boost inductor, it is recommended to keep the
possible peak inductor current below the current
limit threshold of the power switch in the chosen
configuration.
The second parameter for choosing the inductor
is the desired current ripple in the inductor.
Normally, it is advisable to work with a ripple of
less than 20% of the average inductor current.
A smaller ripple reduces the magnetic hysteresis
losses in the inductor, as well as output voltage
ripple and EMI.
But in the same way, regulation
time at load changes rises.
In addition, a larger
inductor increases the total system cost.
With
those parameters, it is possible to calculate the
value for the inductor by using Equation 3.
OUT
L
BAT
OUT
BAT
V
×
×
I
Δ
)
V
-
(V
×
V
=
L
f
…..(3)
Parameter
f is the switching frequency and ΔI
L is
the ripple current in the inductor, i.e, 20% x IL.
In this example, the desired inductor has the value
of 12µH.
With this calculated value and currents,
it is possible to choose a suitable inductor.
Care
must be taken that load transients and losses in the
circuit can lead to higher currents.
Also, the
losses
in
the
inductor
caused
by
magnetic
hysteresis losses and copper losses are a major
parameter for total circuit efficiency.
(4) Capacitor Selection
The major parameter necessary to define the
output capacitor is the maximum allowed output
voltage ripple of the converter.
This ripple is
determined by two parameters of the capacitor, the
capacitance and the ESR.
It is possible to
calculate the minimum capacitance needed for the
defined ripple, supposing that the ESR is zero, by
using Equation 4.
OUT
BAT
OUT
OUT
MIN
V
×
V
Δ
×
)
V
-
(V
×
I
=
C
f
…..(4)
Parameter f is the switching frequency and △V is
the maximum allowed ripple.
With a chosen ripple voltage of 15mV, a minimum
capacitance of 10 µF is needed.
The total ripple is
larger due to the ESR of the output capacitor.
This additional component of the ripple can be
calculated using Equation 5.
ESR
OUT
ESR
R
×
I
=
V
Δ
…..(5)
An additional ripple of 30mV is the result of using a
tantalum capacitor with a low ESR of
300mΩ. The
total ripple is the sum of the ripple caused by the
capacitance and the ripple caused by the ESR of
the capacitor.
In this example, the total ripple is
45mV.
It is possible to improve the design by
enlarging the capacitor or using smaller capacitors
in parallel to reduce the ESR or by using better
capacitors with lower ESR, like ceramics. For
example, a 10µF ceramic capacitor with an ESR of
50mΩ is used on the evaluation module (EVM).
Tradeoffs must be made between performance and
costs of the converter circuit.
A 10µF input capacitor is recommended to improve
transient behavior of the regulator.
A ceramic or
tantalum capacitor with a 100nF in parallel placed
close to the IC is recommended.


Similar Part No. - FP6711

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP6712 APITECH-FP6712 Datasheet
103Kb / 1P
   RF AMPLIFIER MODEL
FP6719 APITECH-FP6719 Datasheet
73Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - FP6711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61010 TI1-TPS61010_13 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI-TPS61010 Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI-TPS61010_15 Datasheet
989Kb / 36P
[Old version datasheet]   TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
logo
Linear Technology
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Texas Instruments
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Linear Technology
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com