Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP6711 Datasheet(PDF) 6 Page - Fitipower Integrated Technology Inc.

Part # FP6711
Description  High-Efficiency, 1-Cell and 2-Cell Boost Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6711 Datasheet(HTML) 6 Page - Fitipower Integrated Technology Inc.

Back Button FP6711 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6711 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FP6711-1.4-DEC-2011
FP6711
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
Figure 10. Efficiency vs. Input Voltage (VOUT=3.3V)
Figure 11. Output voltage vs. Output Current
1.0
1.5
2.0
2.5
3.0
10
15
20
25
30
35
40
45
50
T
A
=85
0C
T
A
=25
0C
T
A
=-40
0C
Input Voltage(V)
Figure 12. Output voltage vs. Output Current
Figure 13. Quiescent Current vs. Input Voltage
-40
-20
0
20
40
60
80
0.480
0.485
0.490
0.495
0.500
0.505
0.510
0.515
0.520
Temperature
(
0C)
-40
-20
0
20
40
60
80
350
400
450
500
550
600
650
700
750
Temperature
(
0C)
Figure 14. Feedback Voltage vs. Temperature
Figure 15. Oscillator Frequency vs. Temperature
0.5
1.0
1.5
2.0
2.5
3.0
3.5
50
60
70
80
90
100
I
O
=150mA
I
O
=100mA
I
O
=10mA
Input Voltage (V)
0.1
1
10
100
1000
3.00
3.25
3.50
V
IN
=1.2V
Output Current (mA)
0.1
1
10
100
1000
2.25
2.50
2.75
V
IN
=1.2V
Output Current (mA)


Similar Part No. - FP6711

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP6712 APITECH-FP6712 Datasheet
103Kb / 1P
   RF AMPLIFIER MODEL
FP6719 APITECH-FP6719 Datasheet
73Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - FP6711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61010 TI1-TPS61010_13 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI-TPS61010 Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI-TPS61010_15 Datasheet
989Kb / 36P
[Old version datasheet]   TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
logo
Linear Technology
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Texas Instruments
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Linear Technology
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com